Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PLCC2KGCT Datasheet(PDF) 3 Page - HB Electronic Components

Part # PLCC2KGCT
Description  SMD
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HB [HB Electronic Components]
Direct Link  http://www.hebeiltd.com.cn
Logo HB - HB Electronic Components

PLCC2KGCT Datasheet(HTML) 3 Page - HB Electronic Components

  PLCC2KGCT Datasheet HTML 1Page - HB Electronic Components PLCC2KGCT Datasheet HTML 2Page - HB Electronic Components PLCC2KGCT Datasheet HTML 3Page - HB Electronic Components  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Hebei I.T. (Shanghai) Co., Ltd.
Part No./
:PLCC2KGCT
www.ledz.com
3/3
SMD SPECIFICATION
6
Typical electrical/optical characteristic curves/
30
20
10
0
50
3.0
2.8
Forward Voltage(V)
100
60
80
40
30
10
0
20
20
0
Ambient Temperature TA ( )
40
2.0
Fig.4
XYZG Vs. [\FG
-20
2.5
2.0
40
60
90
80
1.5
1.0
0.5
0
20
0
-40
Ambient Temperature TA ( )
Fig.3
@= C Vs. [\FG
Fig.2
XYZG Vs. @=C
2.6
2.5
50
40
Fig.1
@= C Vs. @=>
1.5
1.0
0
0.5
IF-Forward Current (mA)
020
10
3.6
3.2
3.4
30
40
50
Fig.5
XYZG Vs. NO
Wavelength
P(nm)/NO
700
750
100
75
25
50
0
450
500
600
550
650



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com