Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OCXOULNHFD Datasheet(PDF) 3 Page - TEMEX

Part # OCXOULNHFD
Description  Ultra Low Noise Oven Controlled Crystal Oscillator, General Specification (rev1)
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEMEX [TEMEX]
Direct Link  http://www.temex.com
Logo TEMEX - TEMEX

OCXOULNHFD Datasheet(HTML) 3 Page - TEMEX

  OCXOULNHFD Datasheet HTML 1Page - TEMEX OCXOULNHFD Datasheet HTML 2Page - TEMEX OCXOULNHFD Datasheet HTML 3Page - TEMEX OCXOULNHFD Datasheet HTML 4Page - TEMEX OCXOULNHFD Datasheet HTML 5Page - TEMEX  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
Ultra Low Noise Oven Controlled Crystal Oscillator
General Specification (rev1)
December 5th, 2007
All information contained within this document is exclusive property of TEMEX, it is expressly forbidden to partially or totally reproduce or to disclose to a third
party without obtaining prior written permission from TEMEX.
3/5
Mechanical characteristics
Figure 1 : Oscillator outline
Pin description
Pin number
Name
Function
1
Vcc oven
Supply voltage of oven
2
Ground oven
Ground of oven
3
Oven alarm
Oven alarm
4
Vcc RF
Supply voltage
5
Vc
Electrical & mechanical ground
6
Vref
Reference voltage
7
Ground, case
Ground of RF
8
SF
Output signal



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com