Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OCXOULNHFD Datasheet(PDF) 5 Page - TEMEX

Part # OCXOULNHFD
Description  Ultra Low Noise Oven Controlled Crystal Oscillator, General Specification (rev1)
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEMEX [TEMEX]
Direct Link  http://www.temex.com
Logo TEMEX - TEMEX

OCXOULNHFD Datasheet(HTML) 5 Page - TEMEX

  OCXOULNHFD Datasheet HTML 1Page - TEMEX OCXOULNHFD Datasheet HTML 2Page - TEMEX OCXOULNHFD Datasheet HTML 3Page - TEMEX OCXOULNHFD Datasheet HTML 4Page - TEMEX OCXOULNHFD Datasheet HTML 5Page - TEMEX  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
Ultra Low Noise Oven Controlled Crystal Oscillator
General Specification (rev1)
December 5th, 2007
All information contained within this document is exclusive property of TEMEX, it is expressly forbidden to partially or totally reproduce or to disclose to a third
party without obtaining prior written permission from TEMEX.
5/5
Electrical Parameters
Unit
Minimum
Typical
Maximum
Supply voltage (Vcc pin)
Voltage range
VDC
14.5
15
15.5
Supply current @ 25 °C
mA
150
170
Supply current @ warm up
mA
470
530
Warm up time
mn
5
Figure 2 : Phase noise curves @ 100 MHz
Above is represented in yellow, the theoritical curve of the phase noise in static conditions and in black
the phase noise in dynamic conditions.
Figure 3 : G-sensitivity of the oscillator
Above is represented the g-sensitivity of the oscillator



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com