Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VCXOULNHFB Datasheet(PDF) 2 Page - TEMEX

Part # VCXOULNHFB
Description  Ultra Low Noise Voltage Controlled Crystal Oscillator, General Specification (rev1)
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEMEX [TEMEX]
Direct Link  http://www.temex.com
Logo TEMEX - TEMEX

VCXOULNHFB Datasheet(HTML) 2 Page - TEMEX

  VCXOULNHFB Datasheet HTML 1Page - TEMEX VCXOULNHFB Datasheet HTML 2Page - TEMEX VCXOULNHFB Datasheet HTML 3Page - TEMEX VCXOULNHFB Datasheet HTML 4Page - TEMEX VCXOULNHFB Datasheet HTML 5Page - TEMEX  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Ultra Low Noise Voltage Controlled Crystal Oscillator,
General Specification (rev1)
December 5th, 2007
All information contained within this document is exclusive property of TEMEX, it is expressly forbidden to partially or totally reproduce or to disclose to a third
party without obtaining prior written permission from TEMEX.
2/5
Features
•
Ultra Low Noise (ULN), Voltage Controlled, Crystal Oscillator (VC)XO
•
Frequency range : 80 to 125 MHz
•
Ultra low phase noise @ 100 MHz :
- 158 dBc/Hz @ 1 kHz offset
- 174 dBc/Hz @ 10 kHz offset (noise floor)
•
Operating temperature range : [−40 – +85 °C]
•
Ground and naval environment
•
G-sensitivity : 5.10-10/g
•
4-pin machined package + SMA connector for the frequency output
•
Typical phase noise @ 100 MHz (static conditions):
Applications
Ground based or naval military equipment
Radar & Telecom simulator
Environmental conditions
Parameters
Unit
Minimum
Typical
Maximum
Operating temperature range
°C
– 40
+ 85
Storage temperature range
°C
– 55
+ 125
Relative humidity
-
Up to 100% at Ta = 0°C to 85°C without condensing
Vibration
-
As per MIL-STD-167, Issue 1A
Shock (half sine
15g, 11ms



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com