Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VCXOULNHFB Datasheet(PDF) 4 Page - TEMEX

Part # VCXOULNHFB
Description  Ultra Low Noise Voltage Controlled Crystal Oscillator, General Specification (rev1)
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEMEX [TEMEX]
Direct Link  http://www.temex.com
Logo TEMEX - TEMEX

VCXOULNHFB Datasheet(HTML) 4 Page - TEMEX

  VCXOULNHFB Datasheet HTML 1Page - TEMEX VCXOULNHFB Datasheet HTML 2Page - TEMEX VCXOULNHFB Datasheet HTML 3Page - TEMEX VCXOULNHFB Datasheet HTML 4Page - TEMEX VCXOULNHFB Datasheet HTML 5Page - TEMEX  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
Ultra Low Noise Voltage Controlled Crystal Oscillator,
General Specification (rev1)
December 5th, 2007
All information contained within this document is exclusive property of TEMEX, it is expressly forbidden to partially or totally reproduce or to disclose to a third
party without obtaining prior written permission from TEMEX.
4/5
Performance characteristics
Electrical Parameters
Unit
Minimum
Typical
Maximum
Frequency output (SMA Connector)
Nominal frequency range
MHz
80
100
125
Output level (50 Ω
Ω
Ω
Ω load)
dBm
11
13
15
Output VSWR (Fo ±
±±± 1.5 MHz)
-
2:1
Harmonics level
dBc
– 30
Spurious (offset > 50 Hz)
dBc
– 70
Phase noise in static conditions @ 100 MHz
@ 10 Hz offset
dBc/Hz
-105
- 100
@ 100 Hz offset
dBc/Hz
-135
- 130
@ 1 kHz offset
dBc/Hz
-163
- 158
@ 10 kHz offset or greater
dBc/Hz
-176
- 174
Phase noise in static conditions @ 120 MHz
@ 10 Hz offset
dBc/Hz
- 93
@ 100 Hz offset
dBc/Hz
- 123
@ 1 kHz offset
dBc/Hz
- 155
@ 10 kHz offset or greater
dBc/Hz
- 172
g-sensitivity
/g
5.10-10
Free running mode (Vctrl pin NC)
Initial setting
ppm
±±±± 3
Stability vs. temperature
ppm
±±±± 30
Stability vs. 5 % supply voltage variation
ppm
±±±± 0.1
Stability vs. 10 % load variation
ppm
±±±± 0.1
Aging over first year
ppm
±±±± 2
Aging over 10 year
ppm
±±±± 5
Supply voltage (Vcc pin)
Voltage range
VDC
14.5
15
15.5
Supply current @ 25 °C
mA
50



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com