Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PDR5K Datasheet(PDF) 1 Page - Diodes Incorporated

Part # PDR5K
Description  PDR5K - Industry first 5A/750V rectifier in a PowerDi-5 package
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

PDR5K Datasheet(HTML) 1 Page - Diodes Incorporated

  PDR5K Datasheet HTML 1Page - Diodes Incorporated PDR5K Datasheet HTML 2Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Description
www.diodes.com
Description
PDR5K is the industry first
5A/750V rectifier in a
PowerDi-5 package. It is
designed to be used as a
low profile solution to
replace standard larger
bulky bridge packages for
offline AC/DC Switch Mode
Power Supplies (SMPS).
The new SBR family of 40A
Ultra-low VF rectifier in a
lower profile TO-262
package designed to be
used as output rectifiers for
SMPS. The ultra-low VF
performance allows for
reduced power loss, cooler
operations and higher
efficiency.
Combining both products in
the primary and secondary
side of a SMPS offers the
total solution for the lowest
package profile height with
the highest efficiency.
Issue Number | 001
November 09
New Product
Announcement
PDR5K - Industry first 5A/750V rectifier
in a PowerDi-5 package
Ultra low forward voltage (VF)
Provides better efficiency and cooler operation to the device
Lower Profile Package Height
PowerDi-5 footprint occupies only 45% compared to SMC package, while the TO-262
package height is 31.1% lower in profile height compared to standard TO-220
packages.
High forward current rating (IFSM)
A high forward surge current rating protects against poor AC line input current, large
current surges and lighting strikes.
“Green” Antimony and Bromine-free mold compound
Continual commitment of manufacturing environmental friendly products
Bridge diode
Output diode
Boost diode
Freewheeling
diode
Circuit functions
Input Bridge
Rectifier
AC/DC power
supplies
DC/DC converters
DC/AC inverters
Applications
PDR5K


Similar Part No. - PDR5K

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
PDR5K-13 DIODES-PDR5K-13 Datasheet
213Kb / 5P
5A GLASS PASSIVATED RECTIFIER
Rev 2
PDR5KF DIODES-PDR5KF Datasheet
555Kb / 6P
5A GLASS PASSIVATED FAST RECOVERY RECTIFIER
Rev erse
PDR5KF-13 DIODES-PDR5KF-13 Datasheet
555Kb / 6P
5A GLASS PASSIVATED FAST RECOVERY RECTIFIER
Rev erse
More results

Similar Description - PDR5K

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
PDS340 DIODES-PDS340 Datasheet
114Kb / 3P
3A SCHOTTKY BARRIER RECTIFIER PowerDI 5
DS30478 Rev. 4 - 2
PDS540 DIODES-PDS540 Datasheet
90Kb / 3P
5A SCHOTTKY BARRIER RECTIFIER PowerDI 5
DS30482 Rev. 6 - 2
PDS5100H DIODES-PDS5100H Datasheet
97Kb / 3P
5A HIGH VOLTAGE SCHOTTKY BARRIER RECTIFIER PowerDI 5
DS30471 Rev. 14 - 2
logo
Texas Instruments
SN74ALS235 TI1-SN74ALS235 Datasheet
275Kb / 15P
64 X 5 ASYNCHRONOUS FIRST-IN, FIRST-OUT MEMORY
logo
Diodes Incorporated
PDU540 DIODES-PDU540_15 Datasheet
128Kb / 4P
5A ULTRA-FAST RECOVERY RECTIFIER PowerDI 5
Rev erse
logo
Xilinx, Inc
XC2V40 XILINX-XC2V40 Datasheet
128Kb / 7P
Industry First Platform FPGA Solution
XC2V40 XILINX-XC2V40_1 Datasheet
2Mb / 318P
Industry First Platform FPGA Solution
XC2V1500 XILINX-XC2V1500 Datasheet
128Kb / 7P
Industry First Platform FPGA Solution
logo
Diodes Incorporated
SBR5E45P5 DIODES-SBR5E45P5 Datasheet
237Kb / 5P
5A SBR® SUPER BARRIER RECTIFIER POWERDI®5
July 2015
SBR5E60P5 DIODES-SBR5E60P5 Datasheet
500Kb / 5P
5A SBR® SUPER BARRIER RECTIFIER POWERDI®5
November 2015
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com