Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PDR5K Datasheet(PDF) 2 Page - Diodes Incorporated

Part # PDR5K
Description  PDR5K - Industry first 5A/750V rectifier in a PowerDi-5 package
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

PDR5K Datasheet(HTML) 2 Page - Diodes Incorporated

  PDR5K Datasheet HTML 1Page - Diodes Incorporated PDR5K Datasheet HTML 2Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
www.diodes.com
New Product
Announcement
PDR5k - Industry first 5A/750V rectifier
in a PowerDi-5 package
Product summary
Issue Number 1
November 2009
New Rectifier and SBR products
Part No
Description
Package
Max TJ
VF @ rated current
25OC, Max
IR @ rated voltage
25
o
C, Max
Sample
Availability
PDR5K
5.0 Amperes / 750 Volts, Low VF Rectifier
PowerDi-5
175C
0.99V
10uA
Available now
SBR40U60CTE 40.0 Amperes / 60 Volts, Ultra-Low VF SBR
TO-262
150C
0.60V
500uA
Available now
SBR40U120CTE 40.0 Amperes / 120 Volts, Ultra-Low VF SBR
TO-262
150C
0.86V
500uA
Available now
SBR40U100CTE 40.0 Amperes / 100 Volts, Ultra-Low VF SBR
TO-262
150C
0.78V
500uA
Available now
SBR30A100CTE 30.0 Amperes / 100 Volts, Low VF SBR
TO-262
175C
0.80V
100uA
Available now
SBR20U100CTE 20.0 Amperes / 100 Volts, Ultra-Low VF SBR
TO-262
150C
0.70V
500uA
Available now
SBR20A100CTE 20.0 Amperes / 100 Volts, Low VF SBR
TO-262
175C
0.75V
100uA
Available now
SBR20100CTE 20.0 Amperes / 100 Volts, Standard SBR
TO-262
175C
0.87V
100uA
Available now
Part number cross Reference
Competitor part number
Diodes Incorporated equivalent part
number
Diodes Incorporated nearest equivalent
part number
S4PJ
PDR5K
STPS41L60CR
SBR40U60CTE
48CTQ060CR
SBR40U60CTE
V140120C
SBR40U120CTE
V140100C
SBR40U100CTE
STPS41H100CR
SBR40U100CTE
STPS20S100CR
SBR20100CTE
STPS20H100CR
SBR20A100CTE
V120100C
SBR20A100CTE
V130100C
SBR30A100CTE
Competitor Cross Reference



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com