Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD2C101 Datasheet(PDF) 1 Page - Solid State Optronic

Part # AD2C101
Description  Solid State Relay
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSOUSA [Solid State Optronic]
Direct Link  http://www.ssousa.com
Logo SSOUSA - Solid State Optronic

AD2C101 Datasheet(HTML) 1 Page - Solid State Optronic

  AD2C101 Datasheet HTML 1Page - Solid State Optronic AD2C101 Datasheet HTML 2Page - Solid State Optronic AD2C101 Datasheet HTML 3Page - Solid State Optronic AD2C101 Datasheet HTML 4Page - Solid State Optronic AD2C101 Datasheet HTML 5Page - Solid State Optronic  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
AD2C101
1 Form A
Solid State Relay
The AD2C101 is a bi-directional, single-pole, single-throw, normally open multipurpose solid-state relay. The relay consists of an IR LED
optically coupled to a Photo Diode Array, which in turn drives two output MOSFETs. The AD2C101 provides high load voltage (600V) and
high input-to-output isolation (5kV) in a miniature 4 pin DIP / SMD package, making it ideal for high-density board applications.
DESCRIPTION
FEATURES
APPLICATIONS
OPTIONS/SUFFIXES*
SCHEMATIC DIAGRAM
ABSOLUTE MAXIMUM RATINGS*
APPROVALS
High Blocking Voltage (600V)
•
Small 4-pin DIP / SMD package
•
High input-to-output isolation (5000Vrms)
•
100mA maximum continuous load current
•
40 ohms maximum on-resistance
•
Long life/high reliability
•
Multiplexers
•
Meter reading systems
•
Data Acquisition
•
Medical equipment
•
Battery monitoring
•
Home/Safety security systems
•
Surface Mount Option (65 pcs / tube)
• -S
Tape and Reel Option (2000 pcs / reel)
• -TR
.04" (10.16mm) lead spacing (VDE0884)
• -V
NOTE: Suffixes listed above are not included in marking on
device for part number identification.
PARAMETER
UNIT
MIN
TYP
MAX
Storage Temperature
°C
-40
150
Operating Temperature
°C
-40
85
Continuous Input Current
mA
50
Transient Input Current
(1us)
mA
400
Reverse Input Control
Voltage
V
5
Output Power Dissipation
mW
500
Solder Temperature -
Wave (10s)
°C
260
Solder Temperature - IR
Reflow (10s)
°C
260
*The values indicated are absolute stress ratings. Functional operation of the
device is not implied at these or any conditions in excess of those defined in
electrical characteristics section of this document. Exposure to Absolute
Ratings may cause permanent damage to the device and may adversely
affect reliability.
•
www.ssousa.com • +1.408.293.4600
Page 1 of 5
AD2C101
rev 1.42 (5/15/2008)
© 2008 Solid State Optronics • San José, CA
1
+ INPUT
- INPUT
LOAD
LOAD
2
4
3
UL / C-UL Approved: File E201932


Similar Part No. - AD2C101

ManufacturerPart #DatasheetDescription
logo
Solid State Inc
AD2C101 SOLIDSTATE-AD2C101 Datasheet
242Kb / 5P
High Blocking Voltage (600V)
logo
Solid State Optronic
AD2C101 SSOUSA-AD2C101_15 Datasheet
242Kb / 5P
High Blocking Voltage (600V)
AD2C101 SSOUSA-AD2C101_15 Datasheet
242Kb / 5P
1 Form A Solid State Relay
More results

Similar Description - AD2C101

ManufacturerPart #DatasheetDescription
logo
COSMO Electronics Corp...
KSD215AC8 COSMO-KSD215AC8 Datasheet
303Kb / 2P
SOLID STATE RELAY
KSD240AC3 COSMO-KSD240AC3 Datasheet
281Kb / 2P
SOLID STATE RELAY
logo
Vishay Siliconix
LH1500AT VISHAY-LH1500AT Datasheet
73Kb / 6P
Solid State Relay
06-March-02
logo
COSMO Electronics Corp...
KSD215AC3 COSMO-KSD215AC3 Datasheet
281Kb / 2P
SOLID STATE RELAY
KSA440AC8 COSMO-KSA440AC8 Datasheet
384Kb / 3P
SOLID STATE RELAY
KSD205AC3 COSMO-KSD205AC3 Datasheet
197Kb / 2P
SOLID STATE RELAY
logo
List of Unclassifed Man...
JGX-1505FB ETC1-JGX-1505FB Datasheet
58Kb / 3P
SOLID STATE RELAY
logo
COSMO Electronics Corp...
KSA225AC8 COSMO-KSA225AC8 Datasheet
346Kb / 2P
Solid State Relay
logo
Hongfa Technology
HFS41 HONGFA-HFS41 Datasheet
58Kb / 3P
SOLID STATE RELAY
logo
Omron Electronics LLC
G3TBOA202PZDC524 OMRON-G3TBOA202PZDC524 Datasheet
395Kb / 8P
Solid State Relay
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com