Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC656 Datasheet(PDF) 7 Page - Semtech Corporation

Part # SC656
Description  Backlight Driver for 7 LEDs with Charge Pump and PWM Control
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC656 Datasheet(HTML) 7 Page - Semtech Corporation

Back Button SC656 Datasheet HTML 3Page - Semtech Corporation SC656 Datasheet HTML 4Page - Semtech Corporation SC656 Datasheet HTML 5Page - Semtech Corporation SC656 Datasheet HTML 6Page - Semtech Corporation SC656 Datasheet HTML 7Page - Semtech Corporation SC656 Datasheet HTML 8Page - Semtech Corporation SC656 Datasheet HTML 9Page - Semtech Corporation SC656 Datasheet HTML 10Page - Semtech Corporation SC656 Datasheet HTML 11Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 17 page
background image
SC656
7
Typical Characteristics (continued)
PWM Accuracy — 4.2V
VIN = 4.2V, RISET = 4.99kΩ, Calculated IBL = (100/RISET) x Duty Cycle
Mea�ure� IBL (mA�
0
4
8
12
16
20
0
4
8
12
16
20
50kHz
200Hz
32kHz
PWM Accuracy — 4.2V
PWM Accuracy — 4.2V
VIN = 3.7V, RISET = 4.99kΩ, Calculated IBL = (100/RISET) x Duty Cycle
Mea�ure� IBL (mA�
0
4
8
12
16
20
0
4
8
12
16
20
200Hz
50kHz
32kHz
PWM Accuracy — 3.7V
PWM Accuracy — 4.2V
VIN = 2.9V, RISET = 4.99kΩ, Calculated IBL = (100/RISET) x Duty Cycle
Mea�ure� IBL (mA�
0
4
8
12
16
20
0
4
8
12
16
20
50kHz
32kHz
200Hz
PWM Accuracy — 2.9V
PWM Accuracy — 4.2V
VIN = 4.2V, RISET = 4.99kΩ
0
20
40
60
80
100
0
20
40
60
80
100
PWM Duty Cycle (%�
200Hz
50kHz
32kHz
Percentage of Maximum I
BL — 4.2V
PWM Accuracy — 4.2V
VIN = 3.7V, RISET = 4.99kΩ
PWM Duty Cycle (%�
0
20
40
60
80
100
0
20
40
60
80
100
50kHz
32kHz
200Hz
Percentage of Maximum I
BL — 3.7V
PWM Accuracy — 4.2V
VIN = 2.9V, RISET = 4.99kΩ
PWM Duty Cycle (%�
0
20
40
60
80
100
0
20
40
60
80
100
50kHz
32kHz
200Hz
Percentage of Maximum I
BL — 2.9V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com