Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC656 Datasheet(PDF) 1 Page - Semtech Corporation

Part # SC656
Description  Backlight Driver for 7 LEDs with Charge Pump and PWM Control
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC656 Datasheet(HTML) 1 Page - Semtech Corporation

  SC656 Datasheet HTML 1Page - Semtech Corporation SC656 Datasheet HTML 2Page - Semtech Corporation SC656 Datasheet HTML 3Page - Semtech Corporation SC656 Datasheet HTML 4Page - Semtech Corporation SC656 Datasheet HTML 5Page - Semtech Corporation SC656 Datasheet HTML 6Page - Semtech Corporation SC656 Datasheet HTML 7Page - Semtech Corporation SC656 Datasheet HTML 8Page - Semtech Corporation SC656 Datasheet HTML 9Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 17 page
background image
© 2009 Semtech Corporation
POWER MANAGEMENT

SC656
Backlight Driver for 7 LEDs with
Charge Pump and PWM Control
Features
Input supply voltage range — 2.9V to 5.5V
Charge pump modes — x, .5x and 2x
PWM dimming control with low pass filter provides
DC backlight current (not pulsed)
Two independently configurable backlight banks
PWM frequency range — 200Hz to 50kHz
Seven adjustable current sinks — 500µA to 25mA
Backlight current accuracy ±.5% typical
Backlight current matching ±0.5% typical
LED float detection
Charge pump frequency — 250kHz
Low shutdown current — 0.µA typical
Ultra-thin package — 3 x 3 x 0.6(mm)
Fully WEEE and RoHS compliant, and halogen free.
Applications
Cellular phones, smart phones, and PDAs
LCD display modules
Portable media players
Digital cameras
Personal navigation devices
Display/keypad backlighting and LED indicators
Description
The SC656 is a high efficiency charge pump LED driver
using Semtech’s proprietary charge pump technology.
Performance is optimized for use in single-cell Li-ion
battery applications.
The device provides backlight current using up to seven
matched current sinks. The load and supply conditions
determine whether the charge pump operates in x, .5x,
or 2x mode. The seven backlights can be configured as a
single group or split into two independent banks by
setting the state of the BANK2 and BANK pins. If only one
bank is needed, the BANK2, BANK, ENS and ISETS pins
must be grounded.
The maximum current per LED in each bank is set by a
resistor connected to ISETM or ISETS. LED current can be
set between 500µA and 25mA. Backlight current is varied
by applying a pulse-width modulated (PWM) signal to the
ENM pin for the main LED bank and the ENS pin for the
sub LED bank. The resulting DC current in each LED (I
BL) is
equal to the maximum current setting multiplied by the
duty cycle of the PWM signal. During PWM operation, a
low-pass filter is used to develop a DC current through the
LED. The resulting power conversion is more efficient than
comparable pulsed current solutions. Backlight fading is
initiated when the duty cycle is changed.
The 3 x 3 (mm) package and minimal number of small
external components make the SC656 an ideal backlight
driver solution for space-limited designs.
IN
ENM
GND
OUT
BL1
ISETM
CIN
2.2µF
C1+
PWM Signal
COUT
2.2µF
BL2
BL3
BL4
C2+
C1-
C2-
RISETM
BL5
C2
2.2µF
C1
2.2µF
VBAT = 2.9V to 5.5V
ENS
ISETS
BL6
BL7
SC656
PWM Signal
RISETS
BANK2
BANK1
US Patents: 6,504,422; 6,794,926
Typical Application Circuit
September 24, 2009


Similar Part No. - SC656

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
SC652 SEMTECH-SC652 Datasheet
287Kb / 16P
Backlight Driver for 5 LEDs with Charge Pump and PWM Control
logo
SHENZHEN FUMAN ELECTRON...
SC6523 FUMAN-SC6523 Datasheet
119Kb / 5P
LCD driver IC
logo
Semtech Corporation
SC652EVB SEMTECH-SC652EVB Datasheet
287Kb / 16P
Backlight Driver for 5 LEDs with Charge Pump and PWM Control
SC652ULTRT SEMTECH-SC652ULTRT Datasheet
287Kb / 16P
Backlight Driver for 5 LEDs with Charge Pump and PWM Control
SC653 SEMTECH-SC653 Datasheet
309Kb / 22P
Light Management Unit with 2 LDOs and SemPulse짰Interface
More results

Similar Description - SC656

ManufacturerPart #DatasheetDescription
logo
Advanced Analogic Techn...
AAT2842 ANALOGICTECH-AAT2842 Datasheet
627Kb / 21P
High-Current Charge Pump with S2Cwire??Control and Dual LDO for Backlight and Flash
AAT2842 ANALOGICTECH-AAT2842_07 Datasheet
727Kb / 22P
High-Current Charge Pump with S2Cwire??Control and Dual LDO for Backlight and Flash
logo
Maxim Integrated Produc...
MAX8879 MAXIM-MAX8879 Datasheet
389Kb / 16P
Charge Pump for Backlight/Flash/RGB LEDs with Safety Timer
Rev 0; 9/08
logo
Semtech Corporation
SC652 SEMTECH-SC652 Datasheet
287Kb / 16P
Backlight Driver for 5 LEDs with Charge Pump and PWM Control
logo
Analog Devices
ADP8870 AD-ADP8870 Datasheet
74Kb / 2P
Charge-Pump, Parallel Backlight Driver with Image Content PWM Input
Rev. Sp0
logo
Rohm
BD1204GWL ROHM-BD1204GWL Datasheet
412Kb / 13P
Backlight LED Driver for Small LCD Panels (Charge Pump Type)
BD1206GUL ROHM-BD1206GUL Datasheet
392Kb / 13P
Backlight LED Driver for Small LCD Panels (Charge Pump Type)
BD1601MUV ROHM-BD1601MUV_11 Datasheet
316Kb / 13P
Backlight LED Driver for Small LCD Panels (Charge Pump Type)
BD1603NUV ROHM-BD1603NUV_11 Datasheet
324Kb / 9P
Backlight LED Driver for Small LCD Panels (Charge Pump Type)
BD1606MVV ROHM-BD1606MVV_11 Datasheet
306Kb / 12P
Backlight LED Driver for Small LCD Panels (Charge Pump Type)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com