Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OP284ARPFS Datasheet(PDF) 4 Page - Maxwell Technologies

Part # OP284ARPFS
Description  Dual Operational Amplifier
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXWELL [Maxwell Technologies]
Direct Link  http://www.maxwell.com
Logo MAXWELL - Maxwell Technologies

OP284ARPFS Datasheet(HTML) 4 Page - Maxwell Technologies

  OP284ARPFS Datasheet HTML 1Page - Maxwell Technologies OP284ARPFS Datasheet HTML 2Page - Maxwell Technologies OP284ARPFS Datasheet HTML 3Page - Maxwell Technologies OP284ARPFS Datasheet HTML 4Page - Maxwell Technologies OP284ARPFS Datasheet HTML 5Page - Maxwell Technologies OP284ARPFS Datasheet HTML 6Page - Maxwell Technologies OP284ARPFS Datasheet HTML 7Page - Maxwell Technologies OP284ARPFS Datasheet HTML 8Page - Maxwell Technologies OP284ARPFS Datasheet HTML 9Page - Maxwell Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
4
All data sheets are subject to change without notice
©2009 Maxwell Technologies
All rights reserved.
Dual Operational Amplifier
OP284A
07.16.09 Rev 2
Output voltage swing
+V
OUT1
I
L=1.0mA
4,5,6
14.8
--
--
V
-V
OUT1
I
L=1.0mA
4,5,6
--
--
-14.8
V
Gain bandwidth product1
GBWP V
O=200mV, RL=2.0kΩ,
C
L=50pF, TA=+25° C
4--
4.25
--
MHz
Full power bandwidth1,3
FPBW V
PEAK=29vp-p, RL=2.0kΩ,
C
L=50pF, TA=+25° C, 1% distortion
4--
35
--
kHz
Settling time
t
S
A
V=+1.0, CL=50pF, RL=2.0kΩ
To 0.01%, 10V step
9--
--
5
µ s
Phase margin
F
O
AV=1.0, C
L=50pF,
R
L=2.0kΩ, TA=+25° C
4
--
--
50
Degrees
Slew rate
+SR
C
L=50pF, RL=2.0kΩ
4,5,6
2.4
4.0
--
V/µ s
-SR
C
L=50pF, RL=2.0kΩ
4,5,6
2.4
4.0
--
V/µ s
1. Guaranteed by design.
2. Power consumption is based upon quiescent supply current maximum test limit. No load on outputs.
3. Full power bandwidth is based on slew rate measurement using FBBW = slew rate/(2PV
PEAK).
TABLE 5. OP284A ELECTRICAL CHARACTERISTICS
(V+ = 15V, V- = -15V, V
OUT = 0V, RS = 50Ω, RL = 100KΩ, VCM = 0V, TA = -40° C TO +125° C UNLESS OTHERWISE SPECIFIED.)
PARAMETER
SYMBOL
TEST CONDITIONS
SUBGROUPS
MIN
TYP
MAX
UNIT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com