Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OP284ARPFS Datasheet(PDF) 1 Page - Maxwell Technologies

Part # OP284ARPFS
Description  Dual Operational Amplifier
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXWELL [Maxwell Technologies]
Direct Link  http://www.maxwell.com
Logo MAXWELL - Maxwell Technologies

OP284ARPFS Datasheet(HTML) 1 Page - Maxwell Technologies

  OP284ARPFS Datasheet HTML 1Page - Maxwell Technologies OP284ARPFS Datasheet HTML 2Page - Maxwell Technologies OP284ARPFS Datasheet HTML 3Page - Maxwell Technologies OP284ARPFS Datasheet HTML 4Page - Maxwell Technologies OP284ARPFS Datasheet HTML 5Page - Maxwell Technologies OP284ARPFS Datasheet HTML 6Page - Maxwell Technologies OP284ARPFS Datasheet HTML 7Page - Maxwell Technologies OP284ARPFS Datasheet HTML 8Page - Maxwell Technologies OP284ARPFS Datasheet HTML 9Page - Maxwell Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
1
All data sheets are subject to change without notice
(858) 503-3300 - Fax: (858) 503-3301 - www.maxwell.com
Dual Operational Amplifier
OP284A
©2009 Maxwell Technologies
All rights reserved.
07.16.09 Rev 2
FEATURES:
•RAD-PAK® radiation-hardened against natural space
•
radiation
• Package:
- 8-pin RAD-PAK® flat pack
- 16-pin RAD-PAK® Leadless Chip Carrier (LCC) pack
• Single-Supply Operation
• Wide Bandwidth: 4 MHz
• Low Offset Voltage: 65uV
• Unity-Gain Stable
• High Slew Rate: 4.0 V/us
• Low Noise: 3.9 nV/(Hz)½
DESCRIPTION:
Maxwell Technologies’ OP284A is a dual single-supply, 4
MHz bandwidth amplifier featuring rail-to-rail inputs and out-
puts. Using
Maxwell Technologies’ radiation-hardened RAD-
PAK® technology, it is guaranteed to operate from +3 to +36
(or ±1.5 to ±18) volts and will function with a single supply as
low as +1.5 volts.
This amplifier is superb for single supply applications requiring
both ac and precision dc performance. The combination of
bandwidth, low noise and precision makes the OP284A useful
in a wide variety of applications, including filters and instru-
mentation. Other applications for this amplifier include porta-
ble telecom equipment, power supply control and protection,
and as an amplifier or buffer for transducers with wide output
ranges.
The ability to swing rail-to-rail at both the input and output
enables designers to build multi-stage filters in single-supply
systems and to maintain high signal-to-noise ratios.
Maxwell Technologies' patented RAD-PAK® packaging technol-
ogy incorporates radiation shielding in the microcircuit pack-
age. It eliminates the need for box shielding while providing
the required radiation shielding for a lifetime in orbit or space
mission. This product is available with screening up to Class
S.
Q1
Q3
QL1
QL2
Q4
Q2
R4
QB6
QB5
Q7
Q5
Q9
Q11
Q8
Q6
Q12
Q10
R6
QB9
RB3
QB10
RB4
CFF
CC2
Q16
Q17
R11
CO
Q18
R3
QB3
RB2
R7
Q13
Q14
R9
Q15
R1
R2
QB4
CC1
QB7
QB8
R8
R10
R5
RB1
JB1
QB2
CB1
M
N+
P+
QB1
JB2
-IN
+IN
OUT
V
CC
V
EE
TP
Logic Diagram
Flat Pack
Leadless Chip
Carrier (LCC)
OP284A
OP284A


Similar Part No. - OP284ARPFS

ManufacturerPart #DatasheetDescription
logo
Analog Devices
OP284 AD-OP284 Datasheet
522Kb / 20P
Precision Rail-to-Rail Input & Output Operational Amplifiers
REV.0
OP284 AD-OP284 Datasheet
291Kb / 20P
Precision Rail-to-Rail Input & Output Operational Amplifiers
REV.0
logo
Maxwell Technologies
OP284 MAXWELL-OP284 Datasheet
861Kb / 16P
Operational Amplifiers
logo
Analog Devices
OP284 AD-OP284 Datasheet
508Kb / 24P
Precision Rail-to-Rail Input and Output Operational Amplifiers
REV. D
OP284 AD-OP284 Datasheet
248Kb / 5P
Technical Article
More results

Similar Description - OP284ARPFS

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TA75458P TOSHIBA-TA75458P Datasheet
386Kb / 12P
DUAL OPERATIONAL AMPLIFIER
logo
Unisonic Technologies
UTCMC4558 UTC-UTCMC4558 Datasheet
110Kb / 5P
DUAL OPERATIONAL AMPLIFIER
logo
Rohm
BA4558 ROHM-BA4558 Datasheet
58Kb / 5P
Dual operational amplifier
logo
Hitachi Semiconductor
HA17458 HITACHI-HA17458 Datasheet
46Kb / 10P
Dual Operational Amplifier
logo
Integral Corp.
IL4580 INTEGRAL-IL4580 Datasheet
609Kb / 5P
DUAL OPERATIONAL AMPLIFIER
logo
Renesas Technology Corp
HA17904 RENESAS-HA17904 Datasheet
199Kb / 8P
Dual Operational Amplifier
HA17458 RENESAS-HA17458 Datasheet
99Kb / 9P
Dual Operational Amplifier
logo
IK Semicon Co., Ltd
IL4580 IKSEMICON-IL4580 Datasheet
610Kb / 5P
DUAL OPERATIONAL AMPLIFIER
logo
SeCoS Halbleitertechnol...
SGSC4558 SECOS-SGSC4558 Datasheet
528Kb / 4P
Dual Operational Amplifier
logo
New Japan Radio
NJM4560E NJRC-NJM4560E Datasheet
203Kb / 5P
DUAL OPERATIONAL AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com