Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CDBK0540 Datasheet(PDF) 1 Page - Comchip Technology

Part # CDBK0540
Description  SMD Schottky Barrier Diode
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COMCHIP [Comchip Technology]
Direct Link  http://www.comchiptech.com
Logo COMCHIP - Comchip Technology

CDBK0540 Datasheet(HTML) 1 Page - Comchip Technology

  CDBK0540 Datasheet HTML 1Page - Comchip Technology CDBK0540 Datasheet HTML 2Page - Comchip Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
IO = 500 mA
VR = 40 Volts
CDBK0540
SMD Schottky Barrier Diode
SMD Diodes Specialist
+125
OC
TSTG
Symbol
Typ
Parameter
Conditions
Min
Max Unit
Forward voltage
VF
V
Reverse current
mA
0.01
O
Maximum Rating (at TA=25 C unless otherwise noted)
O
Electrical Characteristics (at TA=25 C unless otherwise noted)
Typ
IO
VR
VRM
Average forward rectified current
Reverse voltage
Peak reverse voltage
Forward current,surge peak
Symbol
Parameter
Conditions
Min
Max Unit
V
V
mA
500
40
40
Tj
Storage temperature
Junction temperature
OC
+125
-40
IFSM
8.3 ms single half sine-wave superimposed
on rate load (JEDEC method)
5.5
A
O
IF = 0.5 A @Ta = 25 C
O
IF = 1 A
@Ta = 100 C
O
IF = 1 A
@Ta = 25 C
O
IF = 0.5 A @Ta = 100 C
0.51
0.62
0.64
0.46
0.02
IR
2
O
VR = 40V @Ta = 25 C
O
VR = 20V @Ta = 25 C
O
VR = 40V @Ta = 100 C
O
VR = 20V @Ta = 100 C
5
Capacitance between terminals
f = 1 MHz, and 0 VDC reverse voltage
CT
pF
170
Reverse recovery time
IF = IR = 10mA, Irr x IR, RL = 100ohm
Trr
ns
22
Page 1
QW-A1096
REV:A
Features
Low forward voltage.
Designed for mounting on small surface.
Extremely thin / leadless package.
Majority carrier conduction.
Mechanical data
Case: SOD-123F standard package,
molded plastic.
Terminals: Gold plated, solderable per
MIL-STD-750,method 2026.
Polarity: Indicated by cathode band.
Mounting position: Any
Weight: 0.011 gram(approx.).
Comchip Technology CO., LTD.
(RoHs Device)
0.144(3.65)
0.136(3.45)
0.024(0.60) Typ.
0.069(1.75)
0.061(1.55)
0.035(0.90)
0.027(0.70)
Dimensions in inches and (millimeter)
SOD-123F
0.012 (0.30) Typ.
0.057(1.45) Typ.


Similar Part No. - CDBK0540

ManufacturerPart #DatasheetDescription
logo
Comchip Technology
CDBK0540-HF COMCHIP-CDBK0540-HF Datasheet
195Kb / 4P
SMD Schottky Barrier Diode
CDBK0540-HF COMCHIP-CDBK0540-HF Datasheet
121Kb / 4P
SMD Schottky Barrier Diode
CDBK0540-HF COMCHIP-CDBK0540-HF_12 Datasheet
121Kb / 4P
SMD Schottky Barrier Diode
More results

Similar Description - CDBK0540

ManufacturerPart #DatasheetDescription
logo
Comchip Technology
RB521G30-G COMCHIP-RB521G30-G Datasheet
51Kb / 2P
SMD Schottky Barrier Diode
CDBF0145 COMCHIP-CDBF0145 Datasheet
151Kb / 2P
SMD Schottky Barrier Diode
CDBF0245 COMCHIP-CDBF0245 Datasheet
151Kb / 2P
SMD Schottky Barrier Diode
CDBF0520 COMCHIP-CDBF0520 Datasheet
124Kb / 2P
SMD Schottky Barrier Diode
CDBFR40 COMCHIP-CDBFR40 Datasheet
72Kb / 2P
SMD Schottky Barrier Diode
CDBFR0145 COMCHIP-CDBFR0145 Datasheet
76Kb / 2P
SMD Schottky Barrier Diode
CDBFR00340 COMCHIP-CDBFR00340 Datasheet
74Kb / 2P
SMD Schottky Barrier Diode
CDBFR0520L COMCHIP-CDBFR0520L Datasheet
73Kb / 2P
SMD Schottky Barrier Diode
CDBU70 COMCHIP-CDBU70 Datasheet
74Kb / 2P
SMD Schottky Barrier Diode
CDBUR42 COMCHIP-CDBUR42 Datasheet
73Kb / 2P
SMD Schottky Barrier Diode
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com