Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CDBK0540 Datasheet(PDF) 2 Page - Comchip Technology

Part # CDBK0540
Description  SMD Schottky Barrier Diode
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COMCHIP [Comchip Technology]
Direct Link  http://www.comchiptech.com
Logo COMCHIP - Comchip Technology

CDBK0540 Datasheet(HTML) 2 Page - Comchip Technology

  CDBK0540 Datasheet HTML 1Page - Comchip Technology CDBK0540 Datasheet HTML 2Page - Comchip Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
RATING AND CHARACTERISTIC CURVES (CDBK0540)
SMD Schottky Barrier Diode
5
-25 C
25 C
75 C
125 C
SMD Diodes Specialist
Page 2
QW-A1096
REV:A
Comchip Technology CO., LTD.
f=1MHz
O
Ta=25 C
Reverse voltage (V)
Forward voltage (V)
Fig. 1 - Forward characteristics
Reverse voltage (V)
Fig. 2 - Reverse characteristics
O
Ambient temperature ( C)
Fig.4 - Current derating curve
Fig. 3 - Capacitance between
terminals characteristics
0
0
0.1
0.1
0.2
0.3
0.4
0.5
0.6
0.7
1
10
100
1000
1n
0
10n
100n
1u
10u
100u
1m
10m
10
20
20
30
40
0
0
10
15
20
20
40
60
80
100
120
0
20
40
60
80
100
0
25
50
75
100
125 150
120



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com