Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RST15-A4X-1R0-R10KZB Datasheet(PDF) 1 Page - American Accurate Components, Inc.

Part # RST15-A4X-1R0-R10KZB
Description  HIGH POWER RESISTOR - Non Inductive Chassis Mount, Screw Terminal
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AAC [American Accurate Components, Inc.]
Direct Link  http://www.aacix.com
Logo AAC - American Accurate Components, Inc.

RST15-A4X-1R0-R10KZB Datasheet(HTML) 1 Page - American Accurate Components, Inc.

  RST15-A4X-1R0-R10KZB Datasheet HTML 1Page - American Accurate Components, Inc. RST15-A4X-1R0-R10KZB Datasheet HTML 2Page - American Accurate Components, Inc. RST15-A4X-1R0-R10KZB Datasheet HTML 3Page - American Accurate Components, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
American Accurate Components, Inc.
HIGH POWER RESISTOR – Non Inductive Chassis Mount, Screw Terminal
The content of this specification may change without notification 02/19/08
188 Technology Drive, Unit H, Irvine, CA 92618
TEL: 949-453-9888
FAX: 949-453-8889
1
Custom solutions are available.
HOW TO ORDER
RST 25-A 4X-100-100 J Y B
Packaging
B = bulk
TCR
(ppm/°C)
Z = +100
Tolerance
J = +5% K= +10%
Resistance 2
(leave blank for 1 resistor)
Resistance 1
R10 = 0.1 ohm
1R0 = 1.0 ohm
100 = 10 ohm
101 = 100 ohm
102 = 1.0K ohm
Screw Terminals/Circuit
2X, 2Y, 4X, 4Y, 4Z
Package Shape
(refer to schematic drawing)
A or B
Rated Power
15 = 150 W
25 = 250 W
60 = 600W
20 = 200 W
30 = 300 W
90 = 600W (S)
Series
High Power Resistor, Non-Inductive, Screw Terminals
DIMENSIONS (mm)
Shape
A
B
Series
RST20-A2X, A2Y, A4Z
RST15-A4X, A4Y
RST25-A4X
RST30-A4Z
RST60-A4X
RST90-A4Z
RST20-B2X, B2Y, B4Z
RST30-B2X, B2Y, B4Z
RST60-B2X, B2Y, B4Z
RST15-B4X, B4Y
RST25-B4X, B4Y
RST55-B4X, B4Y
A
38.0
± 0.2
38.0
± 0.2
38.0
± 0.2
38.0
± 0.2
B
25.0
± 0.2
25.0
± 0.2
25.0
± 0.2
25.0
± 0.2
C
13.0
± 0.5
15.0
± 0.5
15.0
± 0.5
11.8
± 0.5
D
4.2
± 0.1
4.2
± 0.1
4.2
± 0.1
4.2
± 0.1
E
13.0
± 0.3
13.0
± 0.3
13.0
± 0.3
13.0
± 0.3
F
15.0
± 0.4
15.0
± 0.4
15.0
± 0.4
15.0
± 0.4
G
30.0
± 0.1
30.0
± 0.1
30.0
± 0.1
30.0
± 0.1
H
10.0
± 0.2
12.0
± 0.2
12.0
± 0.2
10.0
± 0.2
J
M4, 10mm
M4, 10mm
M4, 10mm
M4, 10mm
SCHEMATIC
Body Shape A
Body Shape B
FEATURES
TO227 package in power ratings of 150W,
250W, 300W, 600W, and 900W
M4 Screw terminals
Available in 1 element or 2 elements resistance
Very low series inductance
Higher density packaging for vibration proof
performance and perfect heat dissipation
Resistance tolerance of 5% and 10%
APPLICATIONS
For attaching to air-cooled heat sink or water
cooling applications
Snubber resistors for power supplies
Gate resistors
Pulse generators
High frequency amplifiers
Dumping resistance for theater audio equipment
on dividing network for loud speaker systems
CONSTRUCTION
1
Case
2
Filling
3
Resistor
4
Terminal
5
ALO. ALN
6
Ni Plated Cu
Depth of terminal screw M4 10mm, screws are excluded
CIRCUIT LAYOUT


Similar Part No. - RST15-A4X-1R0-R10KZB

ManufacturerPart #DatasheetDescription
logo
Bel Fuse Inc.
RST1 BEL-RST1 Datasheet
98Kb / 2P
Time Lag Radial Lead Micro Fuse Series
RST1 BEL-RST1 Datasheet
1Mb / 4P
TYPE RST
RST1 BEL-RST1 Datasheet
1Mb / 4P
TIME LAG RADIAL LEAD MICOR FUSE SERIES
RST1.25 BEL-RST1.25 Datasheet
98Kb / 2P
Time Lag Radial Lead Micro Fuse Series
RST1.25 BEL-RST1.25 Datasheet
1Mb / 4P
TIME LAG RADIAL LEAD MICOR FUSE SERIES
More results

Similar Description - RST15-A4X-1R0-R10KZB

ManufacturerPart #DatasheetDescription
logo
American Accurate Compo...
RCM10A-1R0FYB AAC-RCM10A-1R0FYB Datasheet
121Kb / 1P
HIGH POWER RESISTOR - Non Inductive Chassis Mounting
RWC50A-1R0KB AAC-RWC50A-1R0KB Datasheet
277Kb / 2P
HIGH POWER RESISTOR - Water Cooling, Non-Inductive
logo
List of Unclassifed Man...
TPL320 ETC-TPL320 Datasheet
612Kb / 1P
Chassis Mounting Non-inductive Flat Type High Power resistors
TPL250 ETC-TPL250 Datasheet
2Mb / 1P
Chassis mounting non-inductive high power resistors
TPL1200 ETC-TPL1200 Datasheet
2Mb / 1P
Chassis mounting non-inductive high power resistors
TPM150 ETC2-TPM150 Datasheet
1Mb / 2P
Chassis Mounting Non-inductive Flat Type High Power resistors
logo
Vishay Siliconix
PR02-FS VISHAY-PR02-FS Datasheet
164Kb / 8P
High Pulse, Fusible, Non-Inductive, Flameproof, Metal Film Resistor
15-Feb-17
logo
Stackpole Electronics, ...
HCC SEI-HCC Datasheet
292Kb / 4P
High Current Chassis Mount Shunt Resistor
10/22/2020
KAL SEI-KAL Datasheet
338Kb / 5P
Aluminum Housed Chassis Mount Resistor
2/26/2021
logo
C&B ELECTRONICS (SHENZH...
HVLR RESI-HVLR Datasheet
438Kb / 1P
High Voltage Non-Inductive Resistor
2019/12/13
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com