Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RHP-50A-R02JYR Datasheet(PDF) 1 Page - American Accurate Components, Inc.

Part # RHP-50A-R02JYR
Description  HIGH POWER RESISTOR - 20W to 140W
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AAC [American Accurate Components, Inc.]
Direct Link  http://www.aacix.com
Logo AAC - American Accurate Components, Inc.

RHP-50A-R02JYR Datasheet(HTML) 1 Page - American Accurate Components, Inc.

  RHP-50A-R02JYR Datasheet HTML 1Page - American Accurate Components, Inc. RHP-50A-R02JYR Datasheet HTML 2Page - American Accurate Components, Inc. RHP-50A-R02JYR Datasheet HTML 3Page - American Accurate Components, Inc. RHP-50A-R02JYR Datasheet HTML 4Page - American Accurate Components, Inc. RHP-50A-R02JYR Datasheet HTML 5Page - American Accurate Components, Inc. RHP-50A-R02JYR Datasheet HTML 6Page - American Accurate Components, Inc. RHP-50A-R02JYR Datasheet HTML 7Page - American Accurate Components, Inc. RHP-50A-R02JYR Datasheet HTML 8Page - American Accurate Components, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
American Accurate Components, Inc.
HIGH POWER RESISTOR – 20W to 140W
The content of this specification may change without notification 12/07/07
188 Technology Drive, Unit H, Irvine, CA 92618
TEL: 949-453-9888
FAX: 949-453-8889
1
Custom solutions are available.
HOW TO ORDER
RHP-10A-100 F Y R
Packaging (50 pieces)
T = tube or R= tray (flanged type only)
TCR
(ppm/°C)
Y = +50
Z = +100 N = +250
Tolerance
J = +5%
F = +1%
Resistance
R02 = 0.02
Ω
R10 = 0.10
Ω
1R0 = 1.00
Ω
100 = 10.0
Ω
101 = 100
Ω
512 = 51.0K
Ω
Size/Type
(refer to spec)
10X
20B
50A
100A
10B
20C
50B
10C
20D
50C
Series
High Power Resistor
CONSTRUCTION – shape X and A
1 Molding
Epoxy
2 Leads
Tin plated Cu
3 Conductor
Copper
4 Resistor
Ni-Cr
5 Substrate
Alumina
there is insulation between the flange and the resistor
6 Flange
Ni plated Cu
SCHEMATIC
X
A
B
C
D
DIMENSIONS (mm)
Model
RHP-10X
RHP-10B
RHP-10C
RHP-20B
RHP-20C
RHP-20D
RHP-50A
RHP-50B
RHP-50C
RHP-100E
Shape
X
B
C
B
C
D
A
B
C
A
A
8.5
± 0.2
8.5
± 0.2
10.1
± 0.2
10.1
± 0.2
10.1
± 0.2
10.1
± 0.2
16.0
± 0.2
10.6
± 0.2
10.6
± 0.2
16.0
± 0.2
B
12.0
± 0.2
12.0
± 0.2
15.0
± 0.2
15.0
± 0.2
15.0
± 0.2
10.3
± 0.2
20.0
± 0.5
15.0
± 0.2
15.0
± 0.2
20.0
± 0.5
C
3.1
± 0.2
3.1
± 0.2
4.5
± 0.2
4.5
± 0.2
4.5
± 0.2
4.5
± 0.2
4.8
± 0.2
4.5
± 0.2
4.5
± 0.2
4.8
± 0.2
D
3.1
± 0.1
3.1
± 0.1
3.6
± 0.1
3.6
± 0.1
3.6
± 0.1
-
3.2
± 0.1
1.5
± 0.1
1.5
± 0.1
3.2
± 0.1
E
17.0
± 0.1
17.0
± 0.1
5.0
± 0.1
15.5
± 0.1
5.0
± 0.1
5.0
± 0.1
14.5
± 0.1
2.7
± 0.1
2.7
± 0.1
14.5
± 0.5
F
3.2
± 0.5
3.2
± 0.5
2.5
± 0.5
4.0
± 0.5
2.5
± 0.5
2.5
± 0.5
-
5.08
± 0.5
5.08
± 0.5
-
G
3.8
± 0.2
3.8
± 0.2
3.0
± 0.2
3.0
± 0.2
3.0
± 0.2
2.2
± 0.2
5.1
± 0.5
0.75
± 0.2
0.75
± 0.2
5.1
± 0.5
H
1.75
± 0.1
1.75
± 0.1
2.75
± 0.1
2.75
± 0.2
2.75
± 0.2
2.75
± 0.2
3.63
± 0.2
0.5
± 0.2
0.5
± 0.2
3.63
± 0.2
J
0.5
± 0.05
0.5
± 0.05
0.5
± 0.05
0.5
± 0.05
0.5
± 0.05
0.5
± 0.05
-
1.5
± 0.05
1.5
± 0.05
-
K
0.6
± 0.05
0.6
± 0.05
0.75
± 0.05
0.75
± 0.05
0.75
± 0.05
0.75
± 0.05
0.8
± 0.05
19
± 0.05
19
± 0.05
0.8
± 0.05
L
1.4
± 0.05
1.4
± 0.05
1.5
± 0.05
1.5
± 0.05
1.5
± 0.05
1.5
± 0.05
-
2.7
± 0.05
2.7
± 0.05
-
M
5.08
± 0.1
5.08
± 0.1
5.08
± 0.1
5.08
± 0.1
5.08
± 0.1
5.08
± 0.1
10.9
± 0.1
3.6
± 0.1
3.6
± 0.1
10.9
± 0.1
N
-
-
1.5
± 0.05
1.5
± 0.05
1.5
± 0.05
1.5
± 0.05
-
15
± 0.05
2.0
± 0.05
-
P
-
-
-
16.0
± 0.5
-
-
-
-
-
-
FEATURES
20W, 35W, 50W, 100W, and 140W available
TO126, TO220, TO263, TO247 packaging
Surface Mount and Through Hole technology
Resistance Tolerance from
±5% to ±1%
TCR (ppm/°C) from
±250ppm to ±50ppm
Complete thermal flow design
Non-Inductive impedance characteristic and heat venting
through the insulated metal tab
Durable design with complete thermal conduction, heat
dissipation, and vibration
APPLICATIONS
RF circuit termination resistors
CRT color video amplifiers
Suits high-density compact installations
High precision CRT and high speed pulse handling circuit
High speed SW power supply
Power unit of machines
Motor control
Drive circuits
Automotive
Measurements
AC motor control
RF linear amplifiers
VHF amplifiers
Industrial computers
IPM, SW power supply
Volt power sources
Constant current sources
Industrial RF power
Precision voltage sources
Custom Solutions are Available – For more information, send
your specification tosales@aacix.com.


Similar Part No. - RHP-50A-R02JYR

ManufacturerPart #DatasheetDescription
logo
SUN HOLD ELECTRIC INC
RHP-5-110A-10 SUNHOLD-RHP-5-110A-10 Datasheet
1Mb / 2P
RHP SERIES
RHP-5-220A-10 SUNHOLD-RHP-5-220A-10 Datasheet
1Mb / 2P
RHP SERIES
RHP-5-240A-10 SUNHOLD-RHP-5-240A-10 Datasheet
1Mb / 2P
RHP SERIES
More results

Similar Description - RHP-50A-R02JYR

ManufacturerPart #DatasheetDescription
logo
Mospec Semiconductor
2N5038 MOSPEC-2N5038 Datasheet
89Kb / 2P
POWER TRANSISTORS(20A,140W)
logo
STMicroelectronics
GS-R400 STMICROELECTRONICS-GS-R400 Datasheet
115Kb / 5P
20W TO 140W STEP-DOWN SWITCHING REGULATOR FAMILY
Jun-1994
logo
List of Unclassifed Man...
MHP20 ETC1-MHP20 Datasheet
846Kb / 2P
20W TO-220 HIGH POWER RESISTORS
logo
DB Lectro Inc
RNP100S DBLECTRO-RNP100S Datasheet
185Kb / 2P
TO247 140W HIGH POWER RESISTORS
logo
Bi technologies
MHP20S BITECH-MHP20S Datasheet
866Kb / 2P
20W TO-126 HIGH POWER RESISTORS
MHP140 BITECH-MHP140 Datasheet
909Kb / 2P
140W TO-247 HIGH POWER RESISTORS
logo
Vishay Barry
K04Z-XXXXG2T-02C36-X BARRY-K04Z-XXXXG2T-02C36-X Datasheet
93Kb / 2P
20W AlN Leaded Resistor
REV.B NOV 10 2015
RAXXXX-20-8X BARRY-RAXXXX-20-8X Datasheet
135Kb / 2P
20W AlN Flanged Resistor
REV.G APR 7 2015
RXXXX-100-10X BARRY-RXXXX-100-10X Datasheet
162Kb / 2P
20W BeO Flanged Resistor
REV.F AUG 28 2014
RXXXX-20-10X BARRY-RXXXX-20-10X Datasheet
157Kb / 2P
20W BeO Flanged Resistor
REV.F AUG 28 2014
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com