Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC1535CSW Datasheet(PDF) 1 Page - Linear Technology

Part # LTC1535CSW
Description  Isolated RS485 Transceiver
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1535CSW Datasheet(HTML) 1 Page - Linear Technology

  LTC1535CSW Datasheet HTML 1Page - Linear Technology LTC1535CSW Datasheet HTML 2Page - Linear Technology LTC1535CSW Datasheet HTML 3Page - Linear Technology LTC1535CSW Datasheet HTML 4Page - Linear Technology LTC1535CSW Datasheet HTML 5Page - Linear Technology LTC1535CSW Datasheet HTML 6Page - Linear Technology LTC1535CSW Datasheet HTML 7Page - Linear Technology LTC1535CSW Datasheet HTML 8Page - Linear Technology LTC1535CSW Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
LTC1535
1
1535fb
TYPICAL APPLICATION
FEATURES
DESCRIPTION
Isolated RS485 Transceiver
The LTC®1535 is an isolated RS485 full-duplex differential
line transceiver. Isolated RS485 is ideal for systems where
the ground loop is broken to allow for much larger common
mode voltage ranges. An internal capacitive isolation barrier
provides 2500VRMSofisolationbetweenthelinetransceiver
and the logic level interface. The powered side contains a
420kHz push-pull converter to power the isolated RS485
transceiver. Internal full-duplex communication occurs
through the capacitive isolation barrier. The transceiver
meets RS485 and RS422 requirements.
The driver and receiver feature three-state outputs, with
the driver maintaining high impedance over the entire
common mode range. The drivers have short-circuit
current limits in both directions and a slow slew rate select
to minimize EMI or reflections. The 68kΩ receiver input
allows up to 128 node connections. A fail-safe feature
defaults to a high output state when the receiver inputs
are open or shorted.
APPLICATIONS
n UL Rated Isolated RS485: 2500VRMS
UL Recognized
®
File #E151738
n Eliminates Ground Loops
n 250kBd Maximum Data Rate
n Self-Powered with 420kHz Converter
n Half- or Full-Duplex
n Fail-Safe Output High for Open or
Shorted Receiver Inputs
n Short-Circuit Current Limit
n Slow Slew Rate Control
n 68kΩ Input Impedance Allows Up to 128 Nodes
n Thermal Shutdown
n 8kV ESD Protection On Driver Outputs and
Receiver Inputs
n Available in 28-Lead SW Package
n Isolated RS485 Receiver/Driver
n RS485 with Large Common Mode Voltage
n Breaking RS485 Ground Loops
n Multiple Unterminated Line Taps
L, LT, LTC, LTM, Linear Technology and the Linear logo are registered trademarks of Linear
Technology Corporation. All other trademarks are the property of their respective owners.
**
D
Y
Z
SLO
2
1
1
R
A
B
RO2
1535 TA01
VCC
RO
RE
DE
DI
GND
LOGIC COMMON
2
FLOATING RS485 COMMON
** COOPER (888) 414-2645
420kHz
28
27
26
25
4
17
15
16
18
12
13
14
11
1
+
+
GND2
1/2 BAT54C
1/2 BAT54C
VCC2
ST1
ST2
3
2
VCC
RO
RE
DE
DI
1
10μF
10μF
2
CTX02-14659
TWISTED-PAIR
CABLE


Similar Part No. - LTC1535CSW

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1535CSW LINER-LTC1535CSW Datasheet
226Kb / 12P
Isolated RS485 Transceiver
LTC1535CSW LINER-LTC1535CSW Datasheet
247Kb / 16P
Isolated RS485 Transceiver
More results

Similar Description - LTC1535CSW

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1535 LINER-LTC1535 Datasheet
226Kb / 12P
Isolated RS485 Transceiver
logo
List of Unclassifed Man...
IL3522 ETC2-IL3522 Datasheet
142Kb / 10P
Isolated RS485/RS422 Interface
logo
Linear Technology
LTC1535 LINER-LTC1535_1 Datasheet
247Kb / 16P
Isolated RS485 Transceiver
LTM2881 LINER-LTM2881 Datasheet
327Kb / 20P
Complete Isolated RS485/RS422 關Module Transceiver Power
LTM2881 LINER-LTM2881_10 Datasheet
462Kb / 22P
Complete Isolated RS485/RS422 關Module Transceiver Power
LTC1535 LINER-LTC1535_15 Datasheet
267Kb / 18P
Isolated RS485 Transceiver
LTM2881 LINER-LTM2881_15 Datasheet
717Kb / 24P
Complete Isolated RS485/RS422 Module Transceiver Power
LTC3612 LINER-LTC3612 Datasheet
271Kb / 8P
Isolated RS485/RS422 關Module Transceiver Power
LTM2885 LINER-LTM2885 Datasheet
1Mb / 22P
6500VRMS Isolated RS485/RS422 關Module Transceiver Power
logo
Analog Devices
LTM2885 AD-LTM2885_V01 Datasheet
1Mb / 22P
6500VRMS Isolated RS485/RS422 μModule Transceiver Power
Rev. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com