Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC1535CSW Datasheet(PDF) 12 Page - Linear Technology

Part # LTC1535CSW
Description  Isolated RS485 Transceiver
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1535CSW Datasheet(HTML) 12 Page - Linear Technology

Back Button LTC1535CSW Datasheet HTML 8Page - Linear Technology LTC1535CSW Datasheet HTML 9Page - Linear Technology LTC1535CSW Datasheet HTML 10Page - Linear Technology LTC1535CSW Datasheet HTML 11Page - Linear Technology LTC1535CSW Datasheet HTML 12Page - Linear Technology LTC1535CSW Datasheet HTML 13Page - Linear Technology LTC1535CSW Datasheet HTML 14Page - Linear Technology LTC1535CSW Datasheet HTML 15Page - Linear Technology LTC1535CSW Datasheet HTML 16Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 18 page
background image
LTC1535
12
1535fb
APPLICATIONS INFORMATION
Table 1. List of Transformers Designed for LTC1535
MANUFACTURER
PART NUMBER
DC ISOLATION
VOLTAGE
(1 SECOND)
PHONE NUMBER
Cooper
CTX02-14659
500V
(888) 414-2645
Cooper
CTX02-14608
3.75kVAC
(888) 414-2645
Epcos AG (Germany)
(USA)
B78304-A1477-A3
500V
(0 89) 636-2 80 00
(800) 888-7724
Midcom
31160R
1.25kV
(605) 886-4385
Minntronix
4810796R
3kVAC
(605) 884-0195
Pulse FEE (France)
P1597
500V
(33) 3 84 35 04 04
Sumida (Japan)
S-167-5779
100V
03-3667-3320
Transpower
TTI7780-SM
500V
(775) 852-0140
Table 2. Fault Mode Behavior
FUNCTION (PINS)
VCC > VUVH
VCC2 > VUVH
VCC < VUVL
VCC2 > VUVH
VCC > VUVH
VCC2 < VUVL
VCC < VUVL
VCC2 > VUVL
THERMAL
SHUTDOWN
DC/DC Converter (2, 3)
On
On
On
On
Off
RO (28)
RE = 0V
Active
Forced-High
Forced-High
Forced High
Forced-High
RE = VCC
Hi-Z
Hi-Z
Hi-Z
Hi-Z
Hi-Z
RE = Floating
Active
Hi-Z
Hi-Z
Hi-Z
Hi-Z
RO2 (17)
Active
Active
Active
Active
Active
Driver Outputs
Y and Z (13, 12)
Active
Hi-Z
Hi-Z
Hi-Z
Hi-Z
Communiactions Across
Isolation Barrier
Active
Disabled
Disabled
Disabled
Disabled
Fault Indicator on RE (27)
Low
High
High
High
High
Table 3. Driver Function Table
INPUTS
OUTPUTS
RE
DE
DI
Y
Z
X1
1
1
0
X1
0
0
1
X0
X
Z
2
Note: Z = high impedance, X = don’t care
Table 4. Receiver Function Table
INPUTS
OUTPUTS
RE
DE
A-B
RO
R02
0
X
≥ VTH(MAX
11
0
X
≤ VTH(MIN)
00
0
X
Inputs Open
1
1
0
X
Inputs Shorted
1
1
1
X
≥ VTH(MAX)
Z1
1
X
≤ VTH(MIN)
Z0
1
X
Inputs Open
Z
1
1
X
Inputs Shorted
Z
1
Note: Z = high impedance, X = don’t care



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com