Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MBRB1545CT Datasheet(PDF) 1 Page - Motorola, Inc

Part # MBRB1545CT
Description  SWITCHMODE??Power Rectifier D2PAK Surface Mount Power Package
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MBRB1545CT Datasheet(HTML) 1 Page - Motorola, Inc

  MBRB1545CT Datasheet HTML 1Page - Motorola, Inc MBRB1545CT Datasheet HTML 2Page - Motorola, Inc MBRB1545CT Datasheet HTML 3Page - Motorola, Inc MBRB1545CT Datasheet HTML 4Page - Motorola, Inc MBRB1545CT Datasheet HTML 5Page - Motorola, Inc MBRB1545CT Datasheet HTML 6Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
1
Rectifier Device Data
Designer's™ Data Sheet
SWITCHMODE™ Power Rectifier
D2PAK Surface Mount Power Package
The D2PAK Power Rectifier employs the Schottky Barrier principle with a
platinum barrier metal. These state-of-the-art devices have the following
features:
• Center-Tap Configuration
• Guardring for Stress Protection
• Low Forward Voltage
• 150°C Operating Junction Temperature
• Epoxy Meets UL94, VO at 1/8″
• Guaranteed Reverse Avalanche
• Short Heat Sink Tab Manufactured — Not Sheared!
• Similar in Size to the Industry Standard TO-220 Package
Mechanical Characteristics
• Case: Epoxy, Molded
• Weight: 1.7 grams (approximately)
• Finish: All External Surfaces Corrosion Resistant and Terminal Leads are
Readily Solderable
• Lead and Mounting Surface Temperature for Soldering Purposes: 260°C
Max. for 10 Seconds
• Shipped 50 units per plastic tube
• Available in 24 mm Tape and Reel, 800 units per 13″ reel by adding a “T4”
suffix to the part number
• Marking: B1545T
MAXIMUM RATINGS, PER LEG
Rating
Symbol
Value
Unit
Peak Repetitive Reverse Voltage
Working Peak Reverse Voltage
DC Blocking Voltage
VRRM
VRWM
VR
45
Volts
Average Rectified Forward Current
(Rated VR) TC = 105°C
Total Device
IF(AV)
7.5
15
Amps
Peak Repetitive Forward Current
(Rated VR, Square Wave, 20 kHz), TC = 105°C
IFRM
15
Amps
Non-repetitive Peak Surge Current
(Surge applied at rated load conditions halfwave, single phase, 60 Hz)
IFSM
150
Amps
Peak Repetitive Reverse Surge Current (2.0
µs, 1.0 kHz)
IRRM
1.0
Amp
Storage Temperature
Tstg
– 65 to +175
°C
Operating Junction Temperature
TJ
– 65 to +150
°C
Voltage Rate of Change (Rated VR)
dv/dt
10000
V/
µs
THERMAL CHARACTERISTICS, PER LEG
Thermal Resistance — Junction to Case
— Junction to Ambient (1)
R
θJC
R
θJA
2.0
50
°C/W
(1) When mounted using minimum recommended pad size on FR-4 board.
Designer’s Data for “Worst Case” Conditions — The Designer’s Data Sheet permits the design of most circuits entirely from the information presented. SOA Limit
curves — representing boundaries on device characteristics — are given to facilitate “worst case” design.
Designer’s and SWITCHMODE are trademarks of Motorola, Inc.
Thermal Clad is a trademark of the Bergquist Company
Preferred devices are Motorola recommended choices for future use and best overall value.
© Motorola, Inc. 1996
Order this document
by MBRB1545CT/D
MOTOROLA
SEMICONDUCTOR TECHNICAL DATA
MBRB1545CT
SCHOTTKY BARRIER
RECTIFIER
15 AMPERES
45 VOLTS
CASE 418B-02
D2PAK
4
3
1
Motorola Preferred Device
1
3
4
Rev 2


Similar Part No. - MBRB1545CT

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
MBRB1545CT DIODES-MBRB1545CT Datasheet
46Kb / 2P
15a SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
DS13015 Rev. B-2
logo
General Semiconductor
MBRB1545CT GE-MBRB1545CT Datasheet
100Kb / 2P
SCHOTTKY RECTIFIER
logo
Micro Commercial Compon...
MBRB1545CT MCC-MBRB1545CT Datasheet
100Kb / 2P
15 Amp Schottky Barrier Rectifier 20 to 100 Volts
logo
Diodes Incorporated
MBRB1545CT DIODES-MBRB1545CT Datasheet
358Kb / 3P
15A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
DS13015 Rev. 5 - 2
logo
International Rectifier
MBRB1545CT IRF-MBRB1545CT Datasheet
34Kb / 3P
SCHOTTKY RECTIFIER 15 Amp
More results

Similar Description - MBRB1545CT

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MBRB20100CT MOTOROLA-MBRB20100CT Datasheet
105Kb / 6P
SWITCHMODE??Power Rectifier D2PAK Surface Mount Power Package
MBRB2515L MOTOROLA-MBRB2515L Datasheet
101Kb / 6P
SWITCHMODE??Power Rectifier D2PAK Surface Mount Power Package
MBRB2535CTL MOTOROLA-MBRB2535CTL Datasheet
105Kb / 6P
SWITCHMODE??Power Rectifier D2PAK Surface Mount Power Package
MBRB2545CT MOTOROLA-MBRB2545CT Datasheet
109Kb / 6P
SWITCHMODE??Power Rectifier D2PAK Surface Mount Power Package
MBRD1035CTL MOTOROLA-MBRD1035CTL Datasheet
158Kb / 6P
SWITCHMODE??Schottky Rectifier D2PAK Power Surface Mount Package
logo
ON Semiconductor
MBRB20100CT ONSEMI-MBRB20100CT Datasheet
61Kb / 4P
SWITCHMODE??Power Rectifier D2PAK Surface Mount Power Package
February, 2006 ??Rev. 6
MBRB2515L ONSEMI-MBRB2515L Datasheet
60Kb / 4P
SWITCHMODE Power Rectifier ORing Function Diode D2PAK Surface Mount Power Package
September, 2005 ??Rev. 6
MBRB2535CTL ONSEMI-MBRB2535CTL Datasheet
61Kb / 5P
SWITCHMODE??Power Rectifier D2PAK Surface Mount Power Package
January, 2007 ??Rev. 6
MBRB2545CT ONSEMI-MBRB2545CT Datasheet
61Kb / 5P
SWITCHMODE Power Rectifier D2PAK Surface Mount Power Package
March, 2007 ??Rev. 10
MURB1620CTG ONSEMI-MURB1620CTG Datasheet
106Kb / 5P
SWITCHMODE Power Rectifier D2PAK Power Surface Mount Package
November, 2012 ??Rev. 7
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com