Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MBRB1545CT Datasheet(PDF) 2 Page - Motorola, Inc

Part # MBRB1545CT
Description  SWITCHMODE??Power Rectifier D2PAK Surface Mount Power Package
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MBRB1545CT Datasheet(HTML) 2 Page - Motorola, Inc

  MBRB1545CT Datasheet HTML 1Page - Motorola, Inc MBRB1545CT Datasheet HTML 2Page - Motorola, Inc MBRB1545CT Datasheet HTML 3Page - Motorola, Inc MBRB1545CT Datasheet HTML 4Page - Motorola, Inc MBRB1545CT Datasheet HTML 5Page - Motorola, Inc MBRB1545CT Datasheet HTML 6Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
MBRB1545CT
2
Rectifier Device Data
ELECTRICAL CHARACTERISTICS, PER LEG
Rating
Symbol
Value
Unit
Maximum Instantaneous Forward Voltage (2)
(iF = 7.5 Amps, TJ = 125°C)
(iF = 15 Amps, TJ = 125°C)
(iF = 15 Amps, TJ = 25°C)
vF
0.57
0.72
0.84
Volts
Maximum Instantaneous Reverse Current (2)
(Rated dc Voltage, TJ = 125°C)
(Rated dc Voltage, TJ = 25°C)
iR
15
0.1
mA
(2) Pulse Test: Pulse Width = 300
µs, Duty Cycle ≤ 2.0%.
16
14
12
10
8
6
4
2
150
145
140
135
130
125
120
TC, CASE TEMPERATURE (°C)
RATED VOLTAGE APPLIED
R
θJC = 2°C/W
SQUARE
WAVE
DC
DC
16
14
12
10
8
6
4
2
0
16
14
12
10
8
6
4
2
0
IF(AV), AVERAGE FORWARD CURRENT (AMPS)
TJ = 125°C
= 20
IPK
IAV
= 10
IPK
IAV
SQUARE
WAVE
25
°C
10
1
0.1
0.01
0.001
50
40
30
20
10
0
VR, REVERSE VOLTAGE (VOLTS)
85
°C
125
°C
25
°C
85
°C
125
°C
0.5
0.4
0.3
0.2
0.1
vF, INSTANTANEOUS FORWARD VOLTAGE (VOLTS)
0.6
0.7
0.8
0.9
50
30
20
10
3
2
1
0.5
155
160
IPK
IAV
= 5
IPK
IAV
=
π
Figure 1. Typical Forward Voltage, Per Leg
Figure 2. Typical Reverse Current, Per Leg
Figure 3. Typical Forward Power Dissipation
Figure 4. Current Derating, Case



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com