Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTM2882 Datasheet(PDF) 14 Page - Linear Technology

Part # LTM2882
Description  Dual Isolated RS232 關Module Transceiver Power
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTM2882 Datasheet(HTML) 14 Page - Linear Technology

Back Button LTM2882 Datasheet HTML 8Page - Linear Technology LTM2882 Datasheet HTML 9Page - Linear Technology LTM2882 Datasheet HTML 10Page - Linear Technology LTM2882 Datasheet HTML 11Page - Linear Technology LTM2882 Datasheet HTML 12Page - Linear Technology LTM2882 Datasheet HTML 13Page - Linear Technology LTM2882 Datasheet HTML 14Page - Linear Technology LTM2882 Datasheet HTML 15Page - Linear Technology LTM2882 Datasheet HTML 16Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 14 / 16 page
background image
LTM2882
14
2882p
TYPICAL APPLICATIONS
Figure 8. Single Line Dual Half-Duplex
Isolated Transceiver
2882 F08
ON
DIN
T1IN
R1OUT
T2IN
R2OUT
DE
DOUT
T1OUT
R1IN
T2OUT
R2IN
LTM2882
3.3V (LTM2882-3)
5V (LTM2882-5)
VL
VCC
GND
GND2
3.3k
TX
RX
3.3k
Figure 12. Isolated Multirail Power Supply
with Switched Outputs
2882 F12
ON
DIN
T1IN
R1OUT
T2IN
R2OUT
DE
DOUT
T1OUT
R1IN
T2OUT
R2IN
LTM2882
3.0V TO 3.6V (LTM2882-3)
4.5V TO 5.5V (LTM2882-5)
5V
REGULATED
7V
SWITCHED
RETURN
–6.3V
SWITCHED
VL
VCC
VCC2
GND
GND2
ON
OFF
Figure 9. Driving Larger Capacitive Loads
Figure 10. 1.8V Microprocessor Interface
2882 F09
ON
DIN
T1IN
R1OUT
T2IN
R2OUT
DE
DOUT
T1OUT
R1IN
T2OUT
R2IN
LTM2882
3.3V (LTM2882-3)
5V (LTM2882-5)
VL
VCC
GND
GND2
3k
CL
DATA RATE
(kbps)
100
5
250
2
1000
0.5
CL (nF)
2882 F10
ON
DIN
T1IN
R1OUT
T2IN
R2OUT
DE
DOUT
T1OUT
R1IN
T2OUT
R2IN
LTM2882
μP
VL
VCC
GND
1.8V
3.3V (LTM2882-3)
5V (LTM2882-5)
GND2
Figure 11. Isolated 5V Power Supply
2882 F11
ON
DIN
T1IN
R1OUT
T2IN
R2OUT
DE
DOUT
T1OUT
R1IN
T2OUT
R2IN
LTM2882
VL
VCC
VCC2
GND
3.3V (LTM2882-3)
5V (LTM2882-5)
5V
REGULATED
150mA (LTM2882-5)
100mA (LTM2882-3)
GND2
ON
OFF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com