Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTM2882 Datasheet(PDF) 6 Page - Linear Technology

Part # LTM2882
Description  Dual Isolated RS232 關Module Transceiver Power
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTM2882 Datasheet(HTML) 6 Page - Linear Technology

Back Button LTM2882 Datasheet HTML 2Page - Linear Technology LTM2882 Datasheet HTML 3Page - Linear Technology LTM2882 Datasheet HTML 4Page - Linear Technology LTM2882 Datasheet HTML 5Page - Linear Technology LTM2882 Datasheet HTML 6Page - Linear Technology LTM2882 Datasheet HTML 7Page - Linear Technology LTM2882 Datasheet HTML 8Page - Linear Technology LTM2882 Datasheet HTML 9Page - Linear Technology LTM2882 Datasheet HTML 10Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
LTM2882
6
2882p
TYPICAL PERFORMANCE CHARACTERISTICS
Driver Outputs Exiting Shutdown
Driver Outputs Enable/Disable
Logic Input Threshold
vs VL Supply Voltage
TA = 25°C, LTM2882-3 VCC = 3.3V, LTM2882-5
VCC = 5V, VL = 3.3V, and GND = GND2 = 0V, ON = VL unless otherwise noted.
VL SUPPLY VOLTAGE (V)
0
3.5
2.5
0.5
1.0
2.0
3.0
1.5
0
45
2
2882 G10
6
3
1
INPUT HIGH
INPUT LOW
100μs/DIV
5V/DIV
T1OUT
T1OUT
ON
T2OUT
T2OUT
2882 G12
DE = VCC2
DE = DOUT,
DIN = VL
2μs/DIV
5V/DIV
2V/DIV
T1OUT
T2OUT
2882 G13
DE
Operating Through 35kV/μs
Common Mode Transients
50ns/DIV
500V/DIV
2V/DIV
T1IN
R1OUT
*
* MULTIPLE SWEEPS OF
COMMON MODE TRANSIENTS
2V/DIV
2882 G14
T1OUT = R1IN
VCC2 Output Voltage
vs Load Current
LOAD CURRENT (mA)
0
5.2
5.0
4.6
4.7
4.9
5.1
4.8
4.5
150
50
250
2882 G11
300
3.0V
100
200
VCC = 3.0V TO 3.6V, LTM2882-3
VCC = 4.5V TO 5.5V, LTM2882-5
5.5V
5.0V
4.5V
3.6V
3.3V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com