Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT2940IDD Datasheet(PDF) 2 Page - Linear Technology

Part # LT2940IDD
Description  Power and Current Monitor
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT2940IDD Datasheet(HTML) 2 Page - Linear Technology

  LT2940IDD Datasheet HTML 1Page - Linear Technology LT2940IDD Datasheet HTML 2Page - Linear Technology LT2940IDD Datasheet HTML 3Page - Linear Technology LT2940IDD Datasheet HTML 4Page - Linear Technology LT2940IDD Datasheet HTML 5Page - Linear Technology LT2940IDD Datasheet HTML 6Page - Linear Technology LT2940IDD Datasheet HTML 7Page - Linear Technology LT2940IDD Datasheet HTML 8Page - Linear Technology LT2940IDD Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 24 page
background image
LT2940
2
2940f
ABSOLUTE MAXIMUM RATINGS
VCC , I+, I–, LATCH....................................–0.3V to 100V
V+, V–, CMP+ ............................................. –0.3V to 36V
Voltage Sense (V+ – V–) .........................................±36V
Current Sense (I+ – I–)............................................±36V
PMON, IMON (Note 3) ...... –0.3V to VCC + 1V, Up to 16V
CMPOUT, CMPOUT .................................... –0.3V to 36V
CMPOUT, CMPOUT DC Output Current ..................22mA
(Notes 1, 2)
TOP VIEW
DD PACKAGE
12-LEAD (3mm
3mm) PLASTIC DFN
12
13
11
8
9
10
4
5
3
2
1
VCC
I+
I–
LATCH
V+
V–
CMPOUT
CMPOUT
CMP+
PMON
IMON
GND
6
7
TJMAX = 125°C, θJA = 43°C/W
EXPOSED PAD (PIN 13) PCB GND CONNECTION OPTIONAL
1
2
3
4
5
6
CMPOUT
CMPOUT
CMP+
PMON
IMON
GND
12
11
10
9
8
7
VCC
I+
I–
LATCH
V+
V–
TOP VIEW
MS PACKAGE
12-LEAD PLASTIC MSOP
TJMAX = 125°C, θJA = 135°C/W
PIN CONFIGURATION
ORDER INFORMATION
LEAD FREE FINISH
TAPE AND REEL
PART MARKING*
PACKAGE DESCRIPTION
TEMPERATURE RANGE
LT2940CDD#PBF
LT2940CDD#TRPBF
LDPP
12-Lead Plastic DFN
0°C to 70°C
LT2940IDD#PBF
LT2940IDD#TRPBF
LDPP
12-Lead Plastic DFN
–40°C to 85°C
LT2940CMS#PBF
LT2940CMS#TRPBF
2940
12-Lead Plastic MSOP
0°C to 70°C
LT2940IMS#PBF
LT2940IMS#TRPBF
2940
12-Lead Plastic MSOP
–40°C to 85°C
Consult LTC Marketing for parts specified with wider operating temperature ranges. *The temperature grade is identified by a label on the shipping container.
For more information on lead free part marking, go to: http://www.linear.com/leadfree/
For more information on tape and reel specifications, go to: http://www.linear.com/tapeandreel/
Operating Temperature Range
LT2940C................................................... 0°C to 70°C
LT2940I................................................–40°C to 85°C
Storage Temperature Range...................–65°C to 150°C
Lead Temperature (Soldering, 10 sec)
MSOP Package ................................................. 300°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com