Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT2940IDD Datasheet(PDF) 21 Page - Linear Technology

Part # LT2940IDD
Description  Power and Current Monitor
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT2940IDD Datasheet(HTML) 21 Page - Linear Technology

Back Button LT2940IDD Datasheet HTML 16Page - Linear Technology LT2940IDD Datasheet HTML 17Page - Linear Technology LT2940IDD Datasheet HTML 18Page - Linear Technology LT2940IDD Datasheet HTML 19Page - Linear Technology LT2940IDD Datasheet HTML 20Page - Linear Technology LT2940IDD Datasheet HTML 21Page - Linear Technology LT2940IDD Datasheet HTML 22Page - Linear Technology LT2940IDD Datasheet HTML 23Page - Linear Technology LT2940IDD Datasheet HTML 24Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 21 / 24 page
background image
LT2940
21
2940f
TYPICAL APPLICATIONS
AC Power and Current Monitor
Fully Isolated AC Power and Current Monitor
IMON
PMON
V–
V+
I–
I+
VCC
VCC
VCC
2940 TA13
LT2940
GND
15V
10.8V
117V
T2
D2
1
500
R5
4.99k
ISOLATION
BARRIER
R4
4.22k
R12
1k
R1A
68.1Ω
R1B
68.1Ω
1kW/ V
±853 WPK
10A/ V
±10APK
T1
C12
100nF
D1
5.1V
C1
47μF
25V
RS1
4.99Ω
RS2
4.99Ω
R6
10k
R7
10k
D4
D3
D5
C2
100nF
R2B
200Ω
1%
R2A
200Ω
1%
•
•
117V
“N”
117V
“L”
= 1N4148
T1 = MINNTRONIX 4810966R
T2 = 1168:108 POTENTIAL TRANSFORMER
IN CONSTRUCTING THIS CIRCUIT, THE CUSTOMER AGREES THAT, IN ADDITION TO THE TERMS AND CONDITIONS ON LINEAR TECHNOLOGY CORPORATION’S
(LTC) PURCHASE ORDER DOCUMENTS, LTC AND ANY OF ITS EMPLOYEES, AGENTS, REPRESENTATIVES AND CONTRACTORS SHALL HAVE NO LIABILITY,
UNDER CONTRACT, TORT OR ANY OTHER LEGAL OR EQUITABLE THEORY OF RECOVERY, TO CUSTOMER OR ANY OF ITS EMPLOYEES, AGENTS,
REPRESENTATIVES OR CONTRACTORS, FOR ANY PERSONAL INJURY, PROPERTY DAMAGE, OR ANY OTHER CLAIM (INCLUDING WITHOUT LIMITATION, FOR
CONSEQUENTIAL OR INCIDENTAL DAMAGES) RESULTING FROM ANY USE OF THIS CIRCUIT, UNDER ANY CONDITIONS, FORESEEABLE OR OTHERWISE.
CUSTOMER ALSO SHALL INDEMNIFY LTC AND ANY OF ITS EMPLOYEES, AGENTS, REPRESENTATIVES AND CONTRACTORS AGAINST ANY AND ALL LIABILITY,
DAMAGES, COSTS AND EXPENSES, INCLUDING ATTORNEY’S FEES, ARISING FROM ANY THIRD PARTY CLAIMS FOR PERSONAL INJURY, PROPERTY DAMAGE,
OR ANY OTHER CLAIM (INCLUDING WITHOUT LIMITATION, FOR CONSEQUENTIAL OR INCIDENTAL DAMAGES) RESULTING FROM ANY USE OF THIS CIRCUIT,
UNDER ANY CONDITIONS, FORESEEABLE OR OTHERWISE.
7A
LOAD
IMON
PMON
V–
V+
I–
I+
VCC
2940 TA12
RS
LT2940
GND
200mΩ
3
R5
15k
D3
5.1V
12.6VAC
SECONDARY
kV =
kI = 200mΩ
3
1
5
C1A
220μF
25V
T1
D1
1N4001
R2
120k
R1
30k
D2
1N4001
1A/V
±3APK
R4
15k
10W/ V
±30WPK
+
C1B
220μF
25V
+
R3
10Ω
R6
1k
LOAD
k V =
+
++
+
=
68 1 68 1
200 200 68 1 68 1
108
1168
1
42 5
..
..
•
. 8
8
499
4 99
500
10
501
kI =
+
=
..



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com