Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX4372F Datasheet(PDF) 1 Page - Maxim Integrated Products

Part # MAX4372F
Description  Low-Cost, UCSP/SOT23, Micropower, High-Side Current-Sense Amplifier with Voltage Output
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX4372F Datasheet(HTML) 1 Page - Maxim Integrated Products

  MAX4372F Datasheet HTML 1Page - Maxim Integrated Products MAX4372F Datasheet HTML 2Page - Maxim Integrated Products MAX4372F Datasheet HTML 3Page - Maxim Integrated Products MAX4372F Datasheet HTML 4Page - Maxim Integrated Products MAX4372F Datasheet HTML 5Page - Maxim Integrated Products MAX4372F Datasheet HTML 6Page - Maxim Integrated Products MAX4372F Datasheet HTML 7Page - Maxim Integrated Products MAX4372F Datasheet HTML 8Page - Maxim Integrated Products MAX4372F Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
For pricing, delivery, and ordering information, please contact Maxim Direct at 1-888-629-4642,
or visit Maxim’s website at www.maxim-ic.com.
General Description
The MAX4372 low-cost, precision, high-side current-
sense amplifier is available in a tiny, space-saving
SOT23-5-pin package. Offered in three gain versions
(T = 20V/V, F = 50V/V, and H = 100V/V), this device
operates from a single 2.7V to 28V supply and con-
sumes only 30µA. It features a voltage output that elimi-
nates the need for gain-setting resistors and is ideal for
today’s notebook computers, cell phones, and other
systems where battery/DC current monitoring is critical.
High-side current monitoring is especially useful in bat-
tery-powered systems since it does not interfere with
the ground path of the battery charger. The input com-
mon-mode range of 0 to 28V is independent of the sup-
ply voltage and ensures that the current-sense
feedback remains viable even when connected to a
2-cell battery pack in deep discharge.
The user can set the full-scale current reading by
choosing the device (T, F, or H) with the desired volt-
age gain and selecting the appropriate external sense
resistor. This capability offers a high level of integration
and flexibility, resulting in a simple and compact cur-
rent-sense solution. For higher bandwidth applications,
refer to the MAX4173T/F/H data sheet.
Applications
Power-Management Systems
General-System/Board-Level Current Monitoring
Notebook Computers
Portable/Battery-Powered Systems
Smart-Battery Packs/Chargers
Cell Phones
Precision-Current Sources
Features
o Low-Cost, Compact Current-Sense Solution
o 30µA Supply Current
o 2.7V to 28V Operating Supply
o 0.18% Full-Scale Accuracy
o 0.3mV Input Offset Voltage
o Low 1.5Ω Output Impedance
o Three Gain Versions Available
20V/V (MAX4372T)
50V/V (MAX4372F)
100V/V (MAX4372H)
o High Accuracy +2V to +28V Common-Mode
Range, Functional Down to 0V, Independent of
Supply Voltage
o Available in a Space-Saving 5-Pin SOT23 Package
and 3 x 2 UCSP™ (1mm x 1.5mm) Package
Low-Cost, UCSP/SOT23, Micropower, High-Side
Current-Sense Amplifier with Voltage Output
________________________________________________________________
Maxim Integrated Products
1
RS+
15
RS-
MAX4372T/F/H
SOT23-5
UCSP
TOP VIEW
TOP VIEW
(BUMPS ON BOTTOM)
2
34
OUT
OUT
VCC
VCC
GND
GND
23
1
A
B
MAX4372T/F/H
RS+
RS-
19-1548; Rev 4; 7/09
PART
MAX4372TEUK-T
MAX4372TESA
-40°C to +85°C
-40°C to +85°C
TEMP RANGE PIN-PACKAGE
5 SOT23-5
8 SO
Pin Configurations
Ordering Information
TOP
MARK
ADIU
—
RS-
OUT
A/D
CONVERTER
VCC
VCC
GND
RS+
RSENSE
VSENSE
ILOAD
VIN
0 TO 28V
+2.7V TO +28V
0.1
μF
MAX4372T/F/H
LOAD/
BATTERY
Typical Operating Circuit
Note: Gain values are as follows: 20V/V for the T version, 50V/V
for the F version, and 100V/V for the H version.
Ordering Information continued at end of datasheet.
Pin Configurations continued at end of datasheet.
UCSP is a trademark of Maxim Integrated Products, Inc.
MAX4372TEBT-T
-40°C to +85°C 3 x 2 UCSP
ACX
PART
MAX4372TEUK-T
MAX4372TESA
-40
°C to +85°C
-40
°C to +85°C
TEMP RANGE PIN-PACKAGE
5 SOT23-5
8 SO
Ordering Information
TOP
MARK
ADIU
—
MAX4372TEBT-T -40
°C to +85°C 3 x 2 UCSP
ACX


Similar Part No. - MAX4372F

ManufacturerPart #DatasheetDescription
logo
Analog Devices
MAX4372F AD-MAX4372F Datasheet
1Mb / 12P
Low-Cost, UCSP/SOT23, Micropower, High-Side Current-Sense Amplifier with Voltage Output
Rev 5 5/11
MAX4372FEBT+T AD-MAX4372FEBT+T Datasheet
1Mb / 12P
Low-Cost, UCSP/SOT23, Micropower, High-Side Current-Sense Amplifier with Voltage Output
Rev 5 5/11
logo
Maxim Integrated Produc...
MAX4372FESA MAXIM-MAX4372FESA Datasheet
111Kb / 8P
Low-Cost, SOT23, Micropower, High-Side Current-Sense Amplifier with Voltage Output
Rev 0; 10/99
logo
Analog Devices
MAX4372FESA+ AD-MAX4372FESA+ Datasheet
1Mb / 12P
Low-Cost, UCSP/SOT23, Micropower, High-Side Current-Sense Amplifier with Voltage Output
Rev 5 5/11
logo
Maxim Integrated Produc...
MAX4372FEUK MAXIM-MAX4372FEUK Datasheet
1Mb / 11P
Low-Cost, UCSP/SOT23, Micropower, High-Side Current-Sense Amplifier with Voltage Output
Rev 5; 5/11
More results

Similar Description - MAX4372F

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX4073T MAXIM-MAX4073T Datasheet
261Kb / 10P
Low-Cost, SC70, Voltage-Output, High-Side Current-Sense Amplifier
19-2048; Rev 0; 4/01
MAX4173T MAXIM-MAX4173T Datasheet
204Kb / 12P
Low-Cost, SOT23, Voltage-Output, High-Side Current-Sense Amplifier
Rev 1; 5/99
MAX4372T MAXIM-MAX4372T Datasheet
111Kb / 8P
Low-Cost, SOT23, Micropower, High-Side Current-Sense Amplifier with Voltage Output
Rev 0; 10/99
logo
Analog Devices
ADM4073 AD-ADM4073 Datasheet
263Kb / 12P
Low Cost, Voltage Output, High-Side, Current-Sense Amplifier
7/06-Revision 0
logo
STMicroelectronics
TSC888 STMICROELECTRONICS-TSC888 Datasheet
104Kb / 7P
Low cost high-side current sense amplifier
26-Jun-2008
logo
Maxim Integrated Produc...
MAX4173T MAXIM-MAX4173T_11 Datasheet
1Mb / 10P
Low-Cost, SOT23, Voltage-Output, High-Side Current-Sense Amplifier 420μA of supply current
Rev 5; 4/11
MAX4073T MAXIM-MAX4073T_12 Datasheet
519Kb / 12P
Low-Cost, SC70, Voltage-Output, High-Side Current-Sense Amplifier
Rev 1; 8/12
MAX4372FEUK MAXIM-MAX4372FEUK Datasheet
1Mb / 11P
Low-Cost, UCSP/SOT23, Micropower, High-Side Current-Sense Amplifier with Voltage Output
Rev 5; 5/11
logo
Analog Devices
ADM4073 AD-ADM4073_15 Datasheet
284Kb / 12P
Low Cost, Voltage Output, High-Side, Current-Sense Amplifier
REV. A
logo
Maxim Integrated Produc...
MAX4372T MAXIM-MAX4372T_V01 Datasheet
1Mb / 12P
Low-Cost, UCSP/SOT23, Micropower, High-Side Current-Sense Amplifier with Voltage Output
2011
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com