Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX4372F Datasheet(PDF) 2 Page - Maxim Integrated Products

Part # MAX4372F
Description  Low-Cost, UCSP/SOT23, Micropower, High-Side Current-Sense Amplifier with Voltage Output
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX4372F Datasheet(HTML) 2 Page - Maxim Integrated Products

  MAX4372F Datasheet HTML 1Page - Maxim Integrated Products MAX4372F Datasheet HTML 2Page - Maxim Integrated Products MAX4372F Datasheet HTML 3Page - Maxim Integrated Products MAX4372F Datasheet HTML 4Page - Maxim Integrated Products MAX4372F Datasheet HTML 5Page - Maxim Integrated Products MAX4372F Datasheet HTML 6Page - Maxim Integrated Products MAX4372F Datasheet HTML 7Page - Maxim Integrated Products MAX4372F Datasheet HTML 8Page - Maxim Integrated Products MAX4372F Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
Low-Cost, UCSP/SOT23, Micropower, High-Side
Current-Sense Amplifier with Voltage Output
2
_______________________________________________________________________________________
ABSOLUTE MAXIMUM RATINGS
ELECTRICAL CHARACTERISTICS
(VRS+ = 0 to 28V, VCC = 2.7V to 28V, VSENSE = 0, RLOAD = 1MΩ, TA = TMIN to TMAX, unless otherwise noted. Typical values are at
TA = +25°C.) (Note 1)
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional
operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to
absolute maximum rating conditions for extended periods may affect device reliability.
VCC, RS+, RS- to GND ...........................................-0.3V to +30V
OUT to GND ...........................................................-0.3V to +15V
Differential Input Voltage (VRS+ - VRS-) ..............................±0.3V
Current into Any Pin..........................................................±10mA
Continuous Power Dissipation (TA = +70°C)
5-Pin SOT23 (derate 7.1mW/°C above +70°C).............571mW
8-Pin SO (derate 5.88mW/°C above +70°C).................471mW
3 x 2 UCSP (derate 3.4mW/°C above +70°C) ...........273.2mW
Operating Temperature Range ...........................-40°C to +85°C
Storage Temperature Range .............................-65°C to +150°C
Lead Temperature (soldering, 10s). ................................+300°C
Bump Temperature (soldering)
Infrared (15s) ................................................................+200°C
Vapor Phase (20s) ........................................................+215°C
VCC = 2.7V, IOUT = -500µA
VCC = 2.7V
VRS+ ≤ 2V
VRS+ > 2V
VRS+ ≤ 2V
VRS+ > 2V
VRS+ > 2V
VRS+ > 2V, VSENSE = 5mV
Gain = 100V/V
VCC = 0
Gain = 20V/V or 50V/V
CONDITIONS
V
0.1
0.25
VCC - VOH
OUT High Voltage
965
OUT Low Voltage
mV
2.6
mV
100
VSENSE
150
Full-Scale Sense Voltage
(Note 4)
V
028
VCMR
Common-Mode Input Range
(Note 3)
V
2.7
28
VCC
Operating Voltage Range
(Note 2)
µA
-50
2
IRS-
Input Bias Current
02
-25
2
IRS+
01
dB
85
CMR
Common-Mode Rejection
µA
30
60
ICC
Supply Current
µA
0.05
1.2
IRS+, IRS-
Leakage Current
UNITS
MIN
TYP
MAX
SYMBOL
PARAMETER
IOUT = 10µA
IOUT = 100µA
0.3
±0.8
VSENSE = 100mV, VCC = 12V,
VRS+ = 12V (Note 7)
±6
VSENSE = 100mV, VCC = 28V,
VRS+ = 28V (Note 7)
±0.15
±7
VSENSE = 100mV, VCC = 12V,
VRS+ = 0.1V (Note 7)
±1
±28
VSENSE = 6.25mV, VCC = 12V,
VRS+ = 12V (Note 8)
%
±0.15
Total OUT Voltage Error
(Note 6)
VSENSE = 100mV, VCC = 12V,
VRS+ = 12V, TA = +25°C (Note 7)
%
±0.18
±3
Full-Scale Accuracy
(Note 5)
TA = +25°C
VCC = VRS+ = 12V
0.3
±1.3
±1.1
TA = TMIN to TMAX
VCC = VRS+ = 12V
mV
±1.9
VOS
Input Offset Voltage
(Note 5)
MAX4372_ESA
MAX4372_EUK, _EBT
MAX4372_ESA
MAX4372_EUK, _EBT



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com