Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CDBKM140 Datasheet(PDF) 1 Page - Comchip Technology

Part # CDBKM140
Description  SMD Schottky Barrier Diode
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COMCHIP [Comchip Technology]
Direct Link  http://www.comchiptech.com
Logo COMCHIP - Comchip Technology

CDBKM140 Datasheet(HTML) 1 Page - Comchip Technology

  CDBKM140 Datasheet HTML 1Page - Comchip Technology CDBKM140 Datasheet HTML 2Page - Comchip Technology CDBKM140 Datasheet HTML 3Page - Comchip Technology CDBKM140 Datasheet HTML 4Page - Comchip Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
+150
OC
TSTG
Symbol
Typ
Parameter
Conditions
Min
Max Unit
Forward voltage
IF = 1A
VF
V
0.50
Reverse current
Capacitance between terminals
VR = 40V
f = 1 MHz, and 4 VDC reverse voltage
IR
CT
mA
pF
120
0.1
Io = 1A
VR = 40 Volts
SMD Schottky Barrier Diode
QW-A1132
Features
Mechanical data
Case: SOD-123F standard package,
molded plastic.
Terminals: solderable per MIL-STD-750,
method 2026.
Mounting position: Any
Weight: 0.027 gram(approx.).
Ideal for surface mount applications.
Easy pick and place.
Plastic package has Underwriters Lab.
flammability classification 94V-0.
Exceeds environmental standard MIL-S-
19500/228.
Low leakage current.
Polarity: Indicated by cathode band.
O
Maximum Rating (at TA=25 C unless otherwise noted)
O
Electrical Characteristics (at TA=25 C unless otherwise noted)
Page 1
Typ
IO
VR
VRRM
Forward rectified current
Reverse voltage
Repetitive peak reverse voltage
Forward surge current
Symbol
Parameter
Conditions
Min
Max Unit
V
V
A
1
40
40
Tj
Storage temperature
Junction temperature
OC
+125
-55
IFSM
8.3 ms single half sine-wave superimposed
on rate load (JEDEC method)
30
A
REV:A
SMD Diodes Specialist
(RoHS Device)
Comchip Technology CO., LTD.
Dimensions in inches and (millimeter)
SOD-123F
0.154(3.90)
0.138(3.50)
0.012(0.30) Typ.
0.071(1.80)
0.055(1.40)
0.110(2.80)
0.094(2.40)
0.067(1.70)
0.051(1.30)
0.035(0.90) Typ.
0.035(0.90) Typ.
CDBKM140
VRMS
RMS voltage
V
28
RθJA
Thermal resistance
°C/W
98


Similar Part No. - CDBKM140

ManufacturerPart #DatasheetDescription
logo
Comchip Technology
CDBK0140L COMCHIP-CDBK0140L Datasheet
195Kb / 4P
SMD Schottky Barrier Diode
CDBK0140R COMCHIP-CDBK0140R Datasheet
195Kb / 4P
SMD Schottky Barrier Diode
CDBK0520 COMCHIP-CDBK0520 Datasheet
125Kb / 2P
SMD Schottky Barrier Diode
CDBK0520-HF COMCHIP-CDBK0520-HF Datasheet
194Kb / 4P
SMD Schottky Barrier Diode
CDBK0520L COMCHIP-CDBK0520L Datasheet
89Kb / 2P
SMD Schottky Barrier Diode
More results

Similar Description - CDBKM140

ManufacturerPart #DatasheetDescription
logo
Comchip Technology
RB521G30-G COMCHIP-RB521G30-G Datasheet
51Kb / 2P
SMD Schottky Barrier Diode
CDBF0145 COMCHIP-CDBF0145 Datasheet
151Kb / 2P
SMD Schottky Barrier Diode
CDBF0245 COMCHIP-CDBF0245 Datasheet
151Kb / 2P
SMD Schottky Barrier Diode
CDBF0520 COMCHIP-CDBF0520 Datasheet
124Kb / 2P
SMD Schottky Barrier Diode
CDBFR40 COMCHIP-CDBFR40 Datasheet
72Kb / 2P
SMD Schottky Barrier Diode
CDBFR0145 COMCHIP-CDBFR0145 Datasheet
76Kb / 2P
SMD Schottky Barrier Diode
CDBFR00340 COMCHIP-CDBFR00340 Datasheet
74Kb / 2P
SMD Schottky Barrier Diode
CDBFR0520L COMCHIP-CDBFR0520L Datasheet
73Kb / 2P
SMD Schottky Barrier Diode
CDBU70 COMCHIP-CDBU70 Datasheet
74Kb / 2P
SMD Schottky Barrier Diode
CDBUR42 COMCHIP-CDBUR42 Datasheet
73Kb / 2P
SMD Schottky Barrier Diode
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com