Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CDBKM140 Datasheet(PDF) 2 Page - Comchip Technology

Part # CDBKM140
Description  SMD Schottky Barrier Diode
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COMCHIP [Comchip Technology]
Direct Link  http://www.comchiptech.com
Logo COMCHIP - Comchip Technology

CDBKM140 Datasheet(HTML) 2 Page - Comchip Technology

  CDBKM140 Datasheet HTML 1Page - Comchip Technology CDBKM140 Datasheet HTML 2Page - Comchip Technology CDBKM140 Datasheet HTML 3Page - Comchip Technology CDBKM140 Datasheet HTML 4Page - Comchip Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
SMD Schottky Barrier Diode
QW-A1132
Page 2
REV:A
SMD Diodes Specialist
Comchip Technology CO., LTD.
Rating and Characteristic Curves (CDBKM140)
Fig.1 Reverse Characteristics
Percent of Rated Peak Reverse Voltage (%)
0
60
100
Fig.3 Junction Capacitance
20
40
80
Fig.5 Non-repetitive Forward
Surge Current
0
Number of Cycles at 60Hz
30
1
10
100
12
24
6
18
TJ=25
8.3ms single half sine
wave, JEDEC method
20
0
40
60
160
120
100
80
0
15
25
40
140
180
5
20
30
35
10
45
Fig. 4 - Current Derating Curve
25
0
50
75
100
Ambient Temperature ( C)
0.2
0
0.4
1.0
0.8
0.6
1.2
1.4
150
125
Forward Voltage (V)
Fig.2 - Forward Characteristics
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.1
10
1
0.0 1
0.0 01
Tj=25°C
120
0.1
100
1000
1
10
Tj=25°C
Reverse voltage (V)
f = 1 MHz
Ta = 25 C



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com