Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CZRF11VB Datasheet(PDF) 4 Page - Comchip Technology

Part # CZRF11VB
Description  SMD Zener Diode
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COMCHIP [Comchip Technology]
Direct Link  http://www.comchiptech.com
Logo COMCHIP - Comchip Technology

CZRF11VB Datasheet(HTML) 4 Page - Comchip Technology

  CZRF11VB Datasheet HTML 1Page - Comchip Technology CZRF11VB Datasheet HTML 2Page - Comchip Technology CZRF11VB Datasheet HTML 3Page - Comchip Technology CZRF11VB Datasheet HTML 4Page - Comchip Technology CZRF11VB Datasheet HTML 5Page - Comchip Technology  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
Page 4
QW-A2003
REV:B
SMD Diodes Specialist
SMD Zener Diode
Index hole
Trailer
Device
Leader
10 pitches (min)
10 pitches (min)
.......
.......
.......
.......
.......
.......
.......
.......
End
Start
d
E
F
B
W
A
P
P0
P1
D1
D2
D
W1
T
C
Direction of Feed
B
C
d
D
D2
D1
E
F
P
P0
P1
T
F/1005
SYMBOL
A
W
W1
Reel Taping Specification
(mm)
(inch)
0.061 0.004
±
0.104 0.004
±
0.041 0.004
±
0.061 0.002
±
7.008 0.04
±
2.362 MIN.
0.512 0.008
±
F/1005
SYMBOL
(mm)
(inch)
0.069 0.004
±
0.138 0.002
±
0.157 0.004
±
0.157 0.004
±
0.079 0.004
±
0.009 0.002
±
0.315 0.008
±
0.531 MAX.
Polarity
1.55 0.10
±
2.65 0.10
±
4.00 0.10
±
1.55 0.05
±
3.50 0.05
±
1.75 0.10
±
60.0 MIN.
13.0 0.20
±
1.05 0.10
±
4.00 0.10
±
2.00 0.05
±
0.23 0.05
±
8.00 0.20
±
13.5 MAX.
178 1
±



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com