Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CZRF11VB Datasheet(PDF) 1 Page - Comchip Technology

Part # CZRF11VB
Description  SMD Zener Diode
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COMCHIP [Comchip Technology]
Direct Link  http://www.comchiptech.com
Logo COMCHIP - Comchip Technology

CZRF11VB Datasheet(HTML) 1 Page - Comchip Technology

  CZRF11VB Datasheet HTML 1Page - Comchip Technology CZRF11VB Datasheet HTML 2Page - Comchip Technology CZRF11VB Datasheet HTML 3Page - Comchip Technology CZRF11VB Datasheet HTML 4Page - Comchip Technology CZRF11VB Datasheet HTML 5Page - Comchip Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
SMD Zener Diode
Voltage 2.4 to 39 Volts
Power 200 mWatts
CZRF2V4B Thru CZRF39VB
Page 1
Features
200mW Power Dissipation.
High Voltages from 2.4 ~ 39 V.
Designed for mounting on small surface.
Extremely thin/leadless package.
Constant voltage control.
Pb free product.
Mechanical data
Case: 1005(2512)Standard package
Molded plastic.
Terminals: Gold plated, solderable per
MIL-STD-750,method 2026.
Polarity: Indicated by cathode band.
Weight: 0.006 gram(approx.).
Operating Junction and Storage Temperature Range
Parameter
Symbol
Value
0.9
200
-55 to +125
Unit
V
mW
Forward current , surge peak
8.3 ms single half sine-wave superimposed
on rate load( JEDEC method )
2.0
A
Maximum Rating AND Electrical Characteristics
IFSM
PD
VF
TJ
OC
Maximum Forward Voltage Drop at IF = 10 mA
O
Maximum Power Dissipation at 25 C
0.102(2.60)
0.095(2.40)
0.020(0.50) Typ.
0.051(1.30)
0.043(1.10)
0.035(0.90)
0.027(0.70)
Dimensions in inches and (millimeter)
1005(2512)
0.012 (0.30) Typ.
0.040(1.00) Typ.
SMD Diodes Specialist
QW-A2003
REV:B
Peak ESD voltage capability (IEC 61000-4-2)
8
VPV
kV


Similar Part No. - CZRF11VB

ManufacturerPart #DatasheetDescription
logo
Comchip Technology
CZRF11VB-HF COMCHIP-CZRF11VB-HF Datasheet
137Kb / 5P
SMD Zener Diode
More results

Similar Description - CZRF11VB

ManufacturerPart #DatasheetDescription
logo
Comchip Technology
CZRF52C2 COMCHIP-CZRF52C2 Datasheet
244Kb / 4P
SMD Zener Diode
CZRA4728-G COMCHIP-CZRA4728-G Datasheet
96Kb / 3P
SMD Zener Diode
CZRER52C2-HF COMCHIP-CZRER52C2-HF Datasheet
271Kb / 6P
SMD Zener Diode
CZRFR2V4B-HF COMCHIP-CZRFR2V4B-HF Datasheet
136Kb / 5P
SMD Zener Diode
CZRU2V4B-HF COMCHIP-CZRU2V4B-HF Datasheet
137Kb / 5P
SMD Zener Diode
CZRUR52C2-HF COMCHIP-CZRUR52C2-HF Datasheet
161Kb / 6P
SMD Zener Diode
ACZRV5223B-HF COMCHIP-ACZRV5223B-HF Datasheet
132Kb / 5P
SMD Zener Diode
CZRL55C2V4-G COMCHIP-CZRL55C2V4-G Datasheet
434Kb / 6P
SMD Zener Diode
CZRQC52C2V4-HF COMCHIP-CZRQC52C2V4-HF Datasheet
111Kb / 4P
SMD Zener Diode
CZRT23C2V7-HF COMCHIP-CZRT23C2V7-HF Datasheet
326Kb / 5P
SMD Zener Diode
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com