Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

201115B Datasheet(PDF) 4 Page - Integrated Technology Future

Part # 201115B
Description  SAW Bandpass Filter
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ITF [Integrated Technology Future]
Direct Link  http://www.itf.co.kr
Logo ITF - Integrated Technology Future

201115B Datasheet(HTML) 4 Page - Integrated Technology Future

  201115B Datasheet HTML 1Page - Integrated Technology Future 201115B Datasheet HTML 2Page - Integrated Technology Future 201115B Datasheet HTML 3Page - Integrated Technology Future 201115B Datasheet HTML 4Page - Integrated Technology Future 201115B Datasheet HTML 5Page - Integrated Technology Future  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
SAW Bandpass Filter 201115B
Part No.
201115B
6. Typical Performance ( at +25℃ )
CH1
S21
LOG
10 dB/
REF -21.94 dB
CENTER
70. 000 000 MHz
SPAN
14. 000 000 MHz
Cor
29 Apr 2004 11:33:48
1
2
3
4
1: 0. 0000 dB
0. 000 000 MHz
REF=1
CH1 Markers
BW:
5. 260374
MHz
cent :
70. 011157
MHz
Q: 13. 309
1_loss : -21 . 912 dB
CH1
S21
LOG
1 dB/
REF -21.91 dB
Cor
CH2
S21
DEL
200 ns/
REF 3.987 us
CENTER
70. 000 000 MHz
SPAN
5. 000 000 MHz
Cor
Smo
29 Apr 2004 12:43:54
1
2
3
4
1: 0. 0000 dB
0. 000 000 MHz
REF=1
CH1 Markers
BW:
4. 130249
MHz
cent :
70. 008606
MHz
Q: 16. 950
1_loss : -21 . 963 dB
2
3
3: 37. 414 ns
3. 690 000 MHz
REF=2
CH2 Markers
mean : 3. 9984 us
s. dev : 24. 565 ns
p-p : 112 . 61 ns
Rev. Date
2004-04-29
I T F
Co., Ltd.
102-901, Bucheon Technopark 364,
Samjeong-Dong, Ojeong-Gu, Bucheon-City,
Gyounggi-Do, Korea 421-809
Rev.
NI1032-CS03
4/5



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com