Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

201115B Datasheet(PDF) 5 Page - Integrated Technology Future

Part # 201115B
Description  SAW Bandpass Filter
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ITF [Integrated Technology Future]
Direct Link  http://www.itf.co.kr
Logo ITF - Integrated Technology Future

201115B Datasheet(HTML) 5 Page - Integrated Technology Future

  201115B Datasheet HTML 1Page - Integrated Technology Future 201115B Datasheet HTML 2Page - Integrated Technology Future 201115B Datasheet HTML 3Page - Integrated Technology Future 201115B Datasheet HTML 4Page - Integrated Technology Future 201115B Datasheet HTML 5Page - Integrated Technology Future  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
SAW Bandpass Filter 201115B
Part No.
201115B
CH1
CH1
S21
LOG
10 dB/
REF -21.91 dB
START
. 010 000 MHz
STOP 300 . 000 000 MHz
29 Apr 2004 12:33:53
1
1: -22 . 062 dB
70. 000 000 MHz
Rev. Date
2004-04-29
I T F
Co., Ltd.
102-901, Bucheon Technopark 364,
Samjeong-Dong, Ojeong-Gu, Bucheon-City,
Gyounggi-Do, Korea 421-809
Rev.
NI1032-CS03
5/5
S21
LOG
1 dB/
REF -21.91 dB
Cor
CH2
S21
LOG
1 dB/
REF -21.91 dB
CENTER
70. 000 000 MHz
SPAN
5. 000 000 MHz
Cor
29 Apr 2004 12:43:27
1
2
3
4
1: 0. 0000 dB
0. 000 000 MHz
REF=1
CH1 Markers
BW:
3. 835646
MHz
cent :
70. 003910
MHz
Q: 18. 251
1_loss : -21 . 921 dB
2
3
3: . 10260
dB
3. 690 000 MHz
REF=2
CH2 Markers
mean : -22 . 077 dB
s. dev : . 08470
dB
p-p : . 63370
dB
CH1
S11
SWR
1 /
REF 2.166
CENTER
70. 000 000 MHz
SPAN
14. 000 000 MHz
Cor
CH2
SWR
1 /
REF 1.804
Cor
S22
29 Apr 2004 12:32:57
1
1: 2. 1655
70. 000 000 MHz
2
2: 1. 8037
70. 000 000 MHz
CH1
S11
1 U FS
Cor
CH2
S22
1 U FS
CENTER
70. 000 000 MHz
SPAN
14. 000 000 MHz
Cor
29 Apr 2004 12:33:05
1
1: 67. 414
42. 621
96. 905 nH
70. 000 000 MHz
2
2: 74. 480
27. 070
61. 548 nH
70. 000 000 MHz



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com