Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CDST-16-G Datasheet(PDF) 1 Page - Comchip Technology

Part # CDST-16-G
Description  Small Signal Switching Diodes
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COMCHIP [Comchip Technology]
Direct Link  http://www.comchiptech.com
Logo COMCHIP - Comchip Technology

CDST-16-G Datasheet(HTML) 1 Page - Comchip Technology

  CDST-16-G Datasheet HTML 1Page - Comchip Technology CDST-16-G Datasheet HTML 2Page - Comchip Technology CDST-16-G Datasheet HTML 3Page - Comchip Technology CDST-16-G Datasheet HTML 4Page - Comchip Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Small Signal Switching Diodes
Reverse Voltage: 75 Volts
Forward Current: 200 mA
RoHS Device
Page 1
REV:B
Features
Design for mounting on small surface.
High speed switching.
High mounting capability, strong surge
withstand, high reliability.
Mechanical data
Case: SOT-23, molded plastic.
Terminals: solderable per MIL-STD-750,
method 2026.
Approx. weight: 0.0078 grams
Circuit diagram
CDST-16-G/4148-G/914-G
Maximum Ratings and Electrical Characteristics
(at Ta=25°C unless otherwise noted)
QW-B0001
SMD Diodes Specialist
COMCHIP
Comchip Technology CO., LTD.
Repetitive peak reverse voltage
Reverse voltage
Forward current
Peak surge forward current
Power dissipation
Maximum forward voltage
Maximum reverse current
Maximum reverse recovery time
Typical diode capacitance
Maximum junction temperature
Storage temperature
Units
Symbol
Parameter
VRRM
VR
IF
IFSM
PD
VF
IR
Trr
CJ
TJ
TSTG
1
2
3
Conditions
Value
T=1.0 μS
@IF=1mA
@IF=10mA
@IF=50mA
@IF=150mA
@VR=20V
@
IF=10mA, VR=6V
VR=0V, f=1.0MHz
VR=75V
@VR=25V, TJ=150°C
@VR=75V, TJ=150°C
75
75
200
2
225
0.715
0.855
1.0
1.25
0.025
2.5
30
50
4
2
150
-55 to +150
V
V
mA
A
mW
V
μA
nS
pF
°C
°C
Dimensions in inches and (millimeter)
SOT-23
3
1
2
0.119(3.00)
0.110(2.80)
0.056(1.40)
0.047(1.20)
0.079(2.00)
0.071(1.80)
0.041(1.05)
0.035(0.90)
0.020(0.50)
0.012(0.30)
0.006(0.15)
0.002(0.05)
0.100(2.55)
0.089(2.25)
0.004(0.10) max
0.008(0.20) min


Similar Part No. - CDST-16-G

ManufacturerPart #DatasheetDescription
logo
Comchip Technology
CDST-16-G COMCHIP-CDST-16-G Datasheet
110Kb / 4P
Small Signal Switching Diodes
CDST-16-G COMCHIP-CDST-16-G_12 Datasheet
110Kb / 4P
Small Signal Switching Diodes
More results

Similar Description - CDST-16-G

ManufacturerPart #DatasheetDescription
logo
Comchip Technology
CDSH3-16-G COMCHIP-CDSH3-16-G_12 Datasheet
71Kb / 2P
Small Signal Switching Diodes
CDSH3-21-G COMCHIP-CDSH3-21-G_12 Datasheet
69Kb / 2P
Small Signal Switching Diodes
CDSH3-222N-G COMCHIP-CDSH3-222N-G_12 Datasheet
76Kb / 2P
Small Signal Switching Diodes
CDST-99-G COMCHIP-CDST-99-G_12 Datasheet
114Kb / 4P
Small Signal Switching Diodes
CDST-914-G COMCHIP-CDST-914-G_12 Datasheet
106Kb / 4P
Small Signal Switching Diodes
CDST-7000-G COMCHIP-CDST-7000-G_12 Datasheet
67Kb / 2P
Small Signal Switching Diodes
CDSV3-16-G COMCHIP-CDSV3-16-G_12 Datasheet
110Kb / 4P
Small Signal Switching Diodes
CDSV3-217-G COMCHIP-CDSV3-217-G_12 Datasheet
105Kb / 4P
Small Signal Switching Diodes
logo
Shenzhen Luguang Electr...
1SS132 LUGUANG-1SS132 Datasheet
194Kb / 2P
Small Signal Switching Diodes
1SS134 LUGUANG-1SS134 Datasheet
185Kb / 2P
Small Signal Switching Diodes
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com