Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CDST-16-G Datasheet(PDF) 2 Page - Comchip Technology

Part # CDST-16-G
Description  Small Signal Switching Diodes
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COMCHIP [Comchip Technology]
Direct Link  http://www.comchiptech.com
Logo COMCHIP - Comchip Technology

CDST-16-G Datasheet(HTML) 2 Page - Comchip Technology

  CDST-16-G Datasheet HTML 1Page - Comchip Technology CDST-16-G Datasheet HTML 2Page - Comchip Technology CDST-16-G Datasheet HTML 3Page - Comchip Technology CDST-16-G Datasheet HTML 4Page - Comchip Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
QW-B0001
RATING AND CHARACTERISTIC CURVES (CDST-16-G/4148-G/914-G)
Forward Voltage (V)
1.5
1.0
0.5
0
Fig.1 Forward Characteristics
1
10
100
1000
Reverse Voltage (V)
0
Fig.2 Reverse Characteristics
0.1n
1n
10n
100n
10
μ
40
Reverse Voltage (V)
0
Fig.3 Capacitance Between Terminals
Characteristics
0
1
2
30
50
Ambient Temperature (°C)
Fig.4 Power Derating Curve
0
200
400
SMD Diodes Specialist
COMCHIP
Comchip Technology CO., LTD.
Page 2
REV:B
60
100
0
100
175
20
80
100
10
25
50
75
150
125
300
1
μ
40
20
Mounted on glass
epoxy PCBs
Small Signal Switching Diodes
TA=150°C
TA=-40°C
TA=25°C
TA=75°C
TA=125°C
TA=-40°C
TA=25°C
TA=75°C
TJ=25°C
f=1MHz



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com