Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DA4US Datasheet(PDF) 1 Page - Emerson Network Power

Part # DA4US
Description  Switching wallmount power supply 3 - 8 Watts
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMERSON-NETWORKPOWER [Emerson Network Power]
Direct Link  http://www.emersonnetworkpower.com
Logo EMERSON-NETWORKPOWER - Emerson Network Power

DA4US Datasheet(HTML) 1 Page - Emerson Network Power

  DA4US Datasheet HTML 1Page - Emerson Network Power DA4US Datasheet HTML 2Page - Emerson Network Power  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Rev. 10.5.09
DA4 US Series
1 of 2
Embedded Power for
Business-Critical Continuity
DA4 US Series
3 - 8 Watts
Special Features
•Switchingwallmount
power supply
•300mAoutput
•ApplicationsincludeNiCd
batterychargingandLEDs
•AvailableinUSACplug
•UniversalACinput
•Regulatedoutput
•Overloadandshortcircuit
protection
•Constantvoltage,constant
current
•HighMTBF
•BuiltinEMIfilter(CISPR22
Class B)
•LEDpowergoodindicator
•EnergyStar
•LevelVefficiency
•CeCLevelIV
•<300mWnoloadpower
consumption
Total Power:
3 - 8 Watts
Input Voltage:
90-132VAC
# of Outputs:
Single
Electrical Specifications
Safety
Input
Inputrange:
90-132VAC
Frequency:
47-63Hz
EMI/RFI:
FCCPart15,SubpartBClassB&EN55022
(CISPR22)ClassB&EMC89/336/EEC
Safetyground
leakagecurrent:
50µA@50/60Hz,115VACinput
Output
Voltage(Vo):
11-26.5Vdc
MaximumPower(Po):
3 - 8 W
Hold-uptime:
15ms.typicalatfullload@115VAC
Overvoltageprotection:
25%abovenominaloutputmaximum
Latchingtype
Overloadprotection:
Outputshortcircuitprotectionautorecover
Overloadprotected>420mA
Outputcable/
connectorbarrelpolarity:
DCcablewith2.5mmx5.5mmbarrelplug
DCplugcenter+V;DCplugouter-V
Reversepolarity:
-0001suffix
DCplugcenter-V;DCplugouter+V
Operatingtemperature:
0°to40°Cambient
Storagetemperature:
-40°Cto+85°C
Electromagnetic
susceptibility:
DesignedtomeetEN55082-1
Humidity:
Operating;non-condensing20%to90%RH
Vibration:
PerIEC60068-2-6
EnvironmentalSpecifications
UL
60950/1310
CUL
60950/1310
DA4-110-215US
DA4-230/265US


Similar Part No. - DA4US

ManufacturerPart #DatasheetDescription
logo
Emerson Network Power
DA4 EMERSON-NETWORKPOWER-DA4 Datasheet
570Kb / 3P
Switching wallmount power supply
logo
Astec America, Inc
DA4-050CH ASTEC-DA4-050CH Datasheet
128Kb / 3P
4 Watts
logo
Emerson Network Power
DA4-050CH EMERSON-NETWORKPOWER-DA4-050CH Datasheet
570Kb / 3P
Switching wallmount power supply
DA4-050CH EMERSON-NETWORKPOWER-DA4-050CH Datasheet
511Kb / 3P
DA4 Series 4 Watts
logo
Astec America, Inc
DA4-050EU ASTEC-DA4-050EU Datasheet
128Kb / 3P
4 Watts
More results

Similar Description - DA4US

ManufacturerPart #DatasheetDescription
logo
Emerson Network Power
DA4 EMERSON-NETWORKPOWER-DA4 Datasheet
570Kb / 3P
Switching wallmount power supply
DA16 EMERSON-NETWORKPOWER-DA16 Datasheet
673Kb / 3P
Switching wallmount power supply
DCH3 EMERSON-NETWORKPOWER-DCH3 Datasheet
341Kb / 3P
Switching wallmount power supply
DCH2 EMERSON-NETWORKPOWER-DCH2 Datasheet
839Kb / 3P
Switching wallmount power supply 2 Watts
logo
Bothhand USA, LP.
SP9801 BOTHHAND-SP9801 Datasheet
50Kb / 1P
15 Watts Switching Power Supply
SP9920 BOTHHAND-SP9920 Datasheet
41Kb / 1P
9.9 Watts Switching Power Supply
SP9926 BOTHHAND-SP9926 Datasheet
45Kb / 1P
8.6 Watts Switching Power Supply
T60-9313 BOTHHAND-T60-9313 Datasheet
45Kb / 1P
60 Watts Switching Power Supply
logo
Emerson Network Power
DCH3 EMERSON-NETWORKPOWER-DCH3_08 Datasheet
1Mb / 4P
Switching wallmount power supply
logo
Artesyn Technologies
DCH2 ARTESYN-DCH2 Datasheet
715Kb / 3P
Switching wallmount power supply
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com