Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DA4US Datasheet(PDF) 2 Page - Emerson Network Power

Part # DA4US
Description  Switching wallmount power supply 3 - 8 Watts
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMERSON-NETWORKPOWER [Emerson Network Power]
Direct Link  http://www.emersonnetworkpower.com
Logo EMERSON-NETWORKPOWER - Emerson Network Power

DA4US Datasheet(HTML) 2 Page - Emerson Network Power

  DA4US Datasheet HTML 1Page - Emerson Network Power DA4US Datasheet HTML 2Page - Emerson Network Power  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
CASE TOP
CASE BOTTOM
2.36"
(60.0)
78.7"
(2000.0)
Rev. 10.5.09
DA4 US Series
2 of 2
Embedded Power for
Business-Critical Continuity
OrderingInformation
Model Number
Maximum
Power
Output
Voltage
Minimum Load Maximum Load
Ripple
P/P (PARD)1
DA4-110US
3.3W
11V
0
0.30A
110mV
DA4-165US
5W
16.5V
0
0.30A
165mV
DA4-180US
5.4W
18V
0
0.30A
180mV
DA4-215US
6.5W
21.5V
0
0.30A
215mV
DA4-230US
6.9W
23V
0
0.30A
230mV
DA4-265US
8 W
26.5V
0
0.30A
265mV
1. Peak-to-peakwith1MHzbandwidthand10µF(tantalumcapacitor)inparallelwitha0.1µFcapacitoratratedlinevoltageand
loadranges.
2. OutputshouldnotbegroundedforEMIpurpose.
MechanicalDrawing
DA4-110-215US
2.36”
(60)
CONNECTOR PIN-OUT DETAIL
(-)
(+)
59”
(1500)
DA4-230/265US
Notes:
1. Specificationssubjecttochangewithoutnotice.
2. alldimensionsininches(mm),toleranceis±.02”­
3. Warranty:2year
4. Weight:0.181lb./0.082kg.
Americas
5810VanAllenWay
Carlsbad,CA92008
USA
Telephone:+17609304600
Facsimile: +17609300698
Europe (UK)
Waterfront Business Park
MerryHill,Dudley
WestMidlands,DY51LX
UnitedKingdom
Telephone:+44(0)1384842211
Facsimile: +44(0)1384843355
Asia (HK)
14/F,LuPlaza
2WingYipStreet
KwunTong,Kowloon
HongKong
Telephone:+85221763333
Facsimile: +85221763888
Forglobalcontact,visit:
www.PowerConversion.com
techsupport.embeddedpower
@emerson.com
Whileeveryprecautionhasbeentakentoensure
accuracyandcompletenessinthisliterature,Emerson
NetworkPowerassumesnoresponsibility,anddisclaims
allliabilityfordamagesresultingfromuseofthis
informationorforanyerrorsoromissions.
EmersonNetworkPowerandtheEmerson
NetworkPowerlogoaretrademarksand
servicemarksofEmersonElectricCo.
©2009EmersonElectricCo.
EmersonNetworkPower.com
EmbeddedComputing
Embedded Power
Monitoring
OutsidePlant
PowerSwitching&Controls
PrecisionCooling
Racks&IntegratedCabinets
Services
SurgeProtection
Emerson Network Power.
Thegloballeaderinenabling
business-criticalcontinuity.
ACPower
Connectivity
DCPower



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com