Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MBRB3030CT Datasheet(PDF) 1 Page - Motorola, Inc

Part # MBRB3030CT
Description  SWITCHMODE??Power Rectifier
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MBRB3030CT Datasheet(HTML) 1 Page - Motorola, Inc

  MBRB3030CT Datasheet HTML 1Page - Motorola, Inc MBRB3030CT Datasheet HTML 2Page - Motorola, Inc MBRB3030CT Datasheet HTML 3Page - Motorola, Inc MBRB3030CT Datasheet HTML 4Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
1
Rectifier Device Data
SWITCHMODE™ Power Rectifier
Using the Schottky Barrier principle with a proprietary barrier metal. These
state–of–the–art devices have the following features:
• Guardring for Stress Protection
• Maximum Die Size
• 150°C Operating Junction Temperature
• Short Heat Sink Tab Manufactured – Not Sheared
Mechanical Characteristics:
• Case: Epoxy, Molded
• Weight: 1.7 grams (approximately)
• Finish: All External Surfaces Corrosion Resistant and Terminal
Leads are Readily Solderable
• Lead and Mounting Surface Temperature for Soldering
Purposes: 260
°C Max. for 10 Seconds
• Shipped 50 Units per Plastic Tube
• Available in 24 mm Tape and Reel, 800 Units per 13” Reel by
Adding a “T4” Suffix to the Part Number
• Marking: B3030
MAXIMUM RATINGS
Rating
Symbol
Value
Unit
Peak Repetitive Reverse Voltage
Working Peak Reverse Voltage
DC Blocking Voltage
VRRM
VRWM
VR
30
V
Average Rectified Forward Current
Per Device
(At Rated VR) TC = +134°C)
Per Leg
IF(AV)
30
15
A
Peak Repetitive Forward Current, Per Leg
(At Rated VR, Square Wave, 20 kHz) TC = +137°C
IFRM
30
A
Nonrepetitive Peak Surge Current
(Surge Applied at Rated Load Conditions Halfwave, Single Phase, 60 Hz)
IFSM
200
A
Peak Repetitive Reverse Surge Current (2.0
µs, 1.0 kHz)
IRRM
2.0
A
Storage Temperature
Tstg
– 55 to +150
°C
Operating Junction Temperature
TJ
– 55 to +150
°C
Voltage Rate of Change (Rated VR)
dv/dt
10000
V
/µs
Reverse Energy (Unclamped Inductive Surge)
(Inductance = 3 mH), TC = 25°C
W
100
mJ
THERMAL CHARACTERISTICS
Thermal Resistance – Junction to Case
R
θJC
1.0
°C/W
Thermal Resistance – Junction to Ambient (1)
R
θJA
50
°C/W
ELECTRICAL CHARACTERISTICS
Maximum Instantaneous Forward Voltage (2), per Leg
(IF = 15 A, TC = + 25°C)
(IF = 15 A, TC = +150°C)
(IF = 30 A, TC = + 25°C)
(IF = 30 A, TC = +150°C)
VF
0.54
0.47
0.67
0.66
V
Maximum Instantaneous Reverse Current (2), per Leg
(Rated DC Voltage, TC = + 25°C)
(Reverse Voltage = 10 V, TC = +150°C)
(Rate DC Voltage, TC = +150°C)
IR
0.6
46
145
mA
(1) When mounted using minimum recommended pad size on FR–4 board.
(2) Pulse Test: Pulse Width = 300
µs, Duty Cycle ≤ 2.0%
SWITCHMODE is a trademark of Motorola, Inc.
Preferred devices are Motorola recommended choices for future use and best overall value.
Order this document
by MBRB3030CT/D
MOTOROLA
SEMICONDUCTOR TECHNICAL DATA
© Motorola, Inc. 1996
3
1
4
MBRB3030CT
Motorola Preferred Device
SCHOTTKY BARRIER
RECTIFIER
30 AMPERES
30 VOLTS
CASE 418B–02
D2PAK
4
3
1
Rev 1


Similar Part No. - MBRB3030CT

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MBRB3030CT ONSEMI-MBRB3030CT Datasheet
60Kb / 6P
SWITCHMODE Power Rectifier
February, 2006 ??Rev. 6
logo
Diode Semiconductor Kor...
MBRB3030CT DSK-MBRB3030CT Datasheet
375Kb / 2P
SCHOTTKY BARRIER RECTIFIERS
logo
Inchange Semiconductor ...
MBRB3030CT ISC-MBRB3030CT Datasheet
282Kb / 2P
Schottky Barrier Rectifier
logo
Micro Commercial Compon...
MBRB3030CT MCC-MBRB3030CT Datasheet
245Kb / 3P
30 Amp Schottky Barrier Rectifier 30 to 60 Volts
MBRB3030CT MCC-MBRB3030CT Datasheet
257Kb / 3P
30 Amp Schottky Barrier Rectifier 30 to 60 Volts
More results

Similar Description - MBRB3030CT

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MUR220 ONSEMI-MUR220 Datasheet
52Kb / 6P
SWITCHMODE Power Rectifier
April, 2003 - Rev. 4
MBR3045PT ONSEMI-MBR3045PT Datasheet
64Kb / 4P
SWITCHMODE Power Rectifier
February, 2006 ??Rev. 3
MBR16100CT ONSEMI-MBR16100CT Datasheet
124Kb / 5P
SWITCHMODE Power Rectifier
May, 2008 ??Rev. 5
MBRB3030CTL ONSEMI-MBRB3030CTL Datasheet
91Kb / 8P
SWITCHMODE Power Rectifier
August, 2005 ??Rev. 6
MBR3045ST ONSEMI-MBR3045ST_11 Datasheet
106Kb / 5P
SWITCHMODE??Power Rectifier
January, 2011 ??Rev. 8
MBR7030WT ONSEMI-MBR7030WT_10 Datasheet
123Kb / 4P
SWITCHMODE Power Rectifier
March, 2010 ??Rev. 3
MBRD835L ONSEMI-MBRD835L_10 Datasheet
113Kb / 5P
SWITCHMODE Power Rectifier
July, 2010 ??Rev. 9
MURF1660CT ONSEMI-MURF1660CT_07 Datasheet
83Kb / 4P
SWITCHMODE Power Rectifier
June, 2007 - Rev. 5
MURD620CT ONSEMI-MURD620CT_11 Datasheet
101Kb / 4P
SWITCHMODE Power Rectifier
January, 2011 ??Rev. 9
NRVBB4030T4G ONSEMI-NRVBB4030T4G Datasheet
144Kb / 6P
SWITCHMODE Power Rectifier
January, 2012 ??Rev. 7
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com