Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MBRB3030CT Datasheet(PDF) 2 Page - Motorola, Inc

Part # MBRB3030CT
Description  SWITCHMODE??Power Rectifier
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MBRB3030CT Datasheet(HTML) 2 Page - Motorola, Inc

  MBRB3030CT Datasheet HTML 1Page - Motorola, Inc MBRB3030CT Datasheet HTML 2Page - Motorola, Inc MBRB3030CT Datasheet HTML 3Page - Motorola, Inc MBRB3030CT Datasheet HTML 4Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
MBRB3030CT
2
Rectifier Device Data
ELECTRICAL CHARACTERISTICS
VR, REVERSE VOLTAGE (V)
600
10
1
TYPICAL
TJ = 25°C
MAXIMUM
800
1000
3000
5000
0.1
1
10
100
0
10–6
0.1
1
10
100
Figure 1. Maximum Forward Voltage, Per Leg
Figure 2. Typical Forward Voltage, Per Leg
Figure 3. Maximum Reverse Current, Per Leg
1.0
0.01
0.001
10–4
10–5
30
25
15
10
Figure 4. Typical Reverse Current, Per Leg
1.0
0.1
0.01
10–4
10–5
10–6
30
25
10
0
20
5
20
15
5
0.1
0.001
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
VF, INSTANTANEOUS VOLTAGE (VOLTS)
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
25
°C
VF, INSTANTANEOUS VOLTAGE (V)
VR, REVERSE VOLTAGE (V)
VR, REVERSE VOLTAGE (V)
100
°C
TJ = 150°C
25
°C
100
°C
TJ = 150°C
25
°C
100
°C
TJ = 150°C
25
°C
100
°C
TJ = 150°C
Figure 5. Capacitance



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com