Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

251908B Datasheet(PDF) 4 Page - Integrated Technology Future

Part # 251908B
Description  SAW Bandpass Filter
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ITF [Integrated Technology Future]
Direct Link  http://www.itf.co.kr
Logo ITF - Integrated Technology Future

251908B Datasheet(HTML) 4 Page - Integrated Technology Future

  251908B Datasheet HTML 1Page - Integrated Technology Future 251908B Datasheet HTML 2Page - Integrated Technology Future 251908B Datasheet HTML 3Page - Integrated Technology Future 251908B Datasheet HTML 4Page - Integrated Technology Future 251908B Datasheet HTML 5Page - Integrated Technology Future  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
SAW Bandpass Filter 251908B
Part No.
251908B
6. Typical Performance ( at +25℃ )
CH1
S21
LOG
10 dB/
REF -27.05 dB
START 113 . 500 000 MHz
STOP 166 . 500 000 MHz
Rev. Date
2005-03-07
I T F
Co., Ltd.
102-901, Bucheon Technopark 364,
Samjeong-Dong, Ojeong-Gu, Bucheon-City,
Gyounggi-Do, Korea 421-809
Rev.
NM5008-CS01
4/5
Cor
5 Mar 2005 13:04:59
1
2
3
4
1: 0. 0000 dB
0. 000 000 MHz
REF=1
CH1 Markers
4
MHz
MHz
Q: 6. 6316
1_loss : -27 . 192 dB
BW:
21. 10742
cent : 139 . 974967
CH1
S21
LOG
1 dB/
REF -27.05 dB
Cor
CH2
S21
DEL
100 ns/
REF 3.193 us
CENTER 140 . 000 000 MHz
SPAN
23. 000 000 MHz
Cor
Smo
5 Mar 2005 13:08:29
1
2
3
4
1: 0. 0000 dB
0. 000 000 MHz
REF=1
CH1 Markers
BW:
19. 604835
MHz
cent : 139 . 985512
MHz
Q: 7. 1404
1_loss : -27 . 131 dB
2
3
3: -5 . 5957 ns
18. 750 000 MHz
REF=2
CH2 Markers
mean : 3. 2032 us
s. dev : 4. 8163 ns
p-p : 25. 210 ns



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com