Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

251908B Datasheet(PDF) 5 Page - Integrated Technology Future

Part # 251908B
Description  SAW Bandpass Filter
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ITF [Integrated Technology Future]
Direct Link  http://www.itf.co.kr
Logo ITF - Integrated Technology Future

251908B Datasheet(HTML) 5 Page - Integrated Technology Future

  251908B Datasheet HTML 1Page - Integrated Technology Future 251908B Datasheet HTML 2Page - Integrated Technology Future 251908B Datasheet HTML 3Page - Integrated Technology Future 251908B Datasheet HTML 4Page - Integrated Technology Future 251908B Datasheet HTML 5Page - Integrated Technology Future  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
SAW Bandpass Filter 251908B
Part No.
251908B
CH1
CH1
S21
LOG
10 dB/
REF -27.16 dB
START
. 010 000 MHz
STOP 500 . 000 000 MHz
5 Mar 2005 13:12:17
1
2
3
1: 0. 0000 dB
0. 000 000 MHz
REF=1
CH1 Markers
2: -64 . 595 dB
140 . 000 MHz
3: -60 . 002 dB
280 . 000 MHz
Rev. Date
2005-03-07
I T F
Co., Ltd.
102-901, Bucheon Technopark 364,
Samjeong-Dong, Ojeong-Gu, Bucheon-City,
Gyounggi-Do, Korea 421-809
Rev.
NM5008-CS01
5/5
S21
LOG
1 dB/
REF -27.05 dB
Cor
CH2
S21
LOG
1 dB/
REF -27.39 dB
CENTER 140 . 000 000 MHz
SPAN
23. 000 000 MHz
Cor
5 Mar 2005 13:07:53
1
2
3
4
1: 0. 0000 dB
0. 000 000 MHz
REF=1
CH1 Markers
BW:
19. 198583
MHz
cent : 139 . 988173
MHz
Q: 7. 2916
1_loss : -27 . 128 dB
2
3
3: . 04010
dB
18. 750 000 MHz
REF=2
CH2 Markers
mean : -27 . 263 dB
s. dev : . 10730
dB
p-p : . 45230
dB
CH1
S11
1 U FS
Cor
CH2
S22
1 U FS
CENTER 140 . 000 000 MHz
SPAN
53. 000 000 MHz
Cor
5 Mar 2005 13:11:25
1
1: 24. 696
-3 . 4697
327 . 64 pF
140 . 000 000 MHz
2
2: 47. 131
-63 . 705
17. 845 pF
140 . 000 000 MHz
CH1
S11
SWR
5 /
REF 2.038
START 113 . 500 000 MHz
STOP 166 . 500 000 MHz
Cor
CH2
2
SWR
5 /
REF 3.431
Cor
S2
5 Mar 2005 13:11:18
1
1: 2. 0374
140 . 000 000 MHz
2
2: 3. 4299
140 . 000 000 MHz



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com