Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NLP65 Datasheet(PDF) 1 Page - Emerson Network Power

Part # NLP65
Description  85 VAC to 264 VAC universal input range
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMERSON-NETWORKPOWER [Emerson Network Power]
Direct Link  http://www.emersonnetworkpower.com
Logo EMERSON-NETWORKPOWER - Emerson Network Power

NLP65 Datasheet(HTML) 1 Page - Emerson Network Power

  NLP65 Datasheet HTML 1Page - Emerson Network Power NLP65 Datasheet HTML 2Page - Emerson Network Power NLP65 Datasheet HTML 3Page - Emerson Network Power NLP65 Datasheet HTML 4Page - Emerson Network Power  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
313
process
yellow
3405
1797
1375
116
2607
652
242
2985
375
240
Embedded Power for
Business-Critical Continuity
NLP65 Medical
Series
Single, Dual and Triple output
Special Features
• 85 VAC to 264 VAC universal
input range
• Harmonic current correction
as standard
• Maximum component height
1.26 inches
• UL, CSA and VDE safety approvals
• Overvoltage and short circuit
protection
• 5 x 3 x 1.26 inch (127.0 x 76.2 x
32mm) footprint
• Available RoHS compliant
• 2 year warranty
Total Power:
65 W
Input Voltage: 85 - 264 VAC
# of Outputs:
Single, Dual,
Triple
Safety
• VDE0705/EN60601-1/IEC1010
File No. 10401-3336-0156/32480
Licence No. 121949
• UL1950 File No. E147937
• CSA C22.2 No. 950
File No. LR41062C
• CE Mark: LVD
Rev.11.2.09_104
NLP65 Medical
1 of 4
Electrical Specifications
Input
Input voltage range:
Universal input
(see Note 2)
85 - 264 Vac
Input frequency range:
47 - 63 Hz
Input current:
(cold start)
120 Vac
230 Vac
17 A max.
32 A max
Safety ground leakage current:
264 Vac, 60 Hz
95 µA
Input current:
120 Vac
230 Vac
1.05 A rms
0.51 A rms
Input fuse:
250 Vac F 3.15 A
Output
Output power:
Natural convection
65 W max.
Total regulation:
(line and load)
See table
Rise time:
At turn-on
1.0 s, max
Transient response:
Main output
25% step at 0.1 A/µs
5.0% max. dev.,
1ms recovery to 1.0%
Temperature coefficient:
± 0.02%/°C
Overvoltage protection:
Main outputs
125%, ± 10%
Short circuit protection:
Cyclic operation
Yes


Similar Part No. - NLP65

ManufacturerPart #DatasheetDescription
logo
Artesyn Technologies
NLP65 ARTESYN-NLP65 Datasheet
63Kb / 3P
LOW TO MEDIUM POWER AC/DC POWER SUPPLIES
logo
Emerson Network Power
NLP65 EMERSON-NETWORKPOWER-NLP65 Datasheet
343Kb / 4P
Universal Input
logo
Artesyn Technologies
NLP65-3300J ARTESYN-NLP65-3300J Datasheet
91Kb / 3P
33 W AC/DC Universal Input Switch Mode Power Supplies
NLP65-3322 ARTESYN-NLP65-3322 Datasheet
52Kb / 3P
60W AC/DC Universal Input Switch Mode Power Supplies
logo
Emerson Network Power
NLP65-3322J EMERSON-NETWORKPOWER-NLP65-3322J Datasheet
343Kb / 4P
Universal Input
More results

Similar Description - NLP65

ManufacturerPart #DatasheetDescription
logo
Power-One
MAP140 POWER-ONE-MAP140 Datasheet
575Kb / 3P
Universal Input 85-264 VAC
MAP30 POWER-ONE-MAP30 Datasheet
133Kb / 4P
Universal Input 85-264 VAC
MAP140 POWER-ONE-MAP140_06 Datasheet
198Kb / 4P
Universal Input 85-264 VAC
logo
Bel Fuse Inc.
MAP110 BEL-MAP110 Datasheet
781Kb / 6P
Universal Input 85-264 VAC
MAP140 BEL-MAP140 Datasheet
821Kb / 5P
Universal Input 85-264 VAC
ABC401 BEL-ABC401 Datasheet
1Mb / 14P
Universal input voltage range (90 ??264 VAC)
ABC601 BEL-ABC601 Datasheet
1Mb / 11P
Universal input voltage range (85 ??305 VAC)
ABC1200 BEL-ABC1200 Datasheet
1Mb / 14P
Universal input voltage range (85 ??305 VAC)
ABS400 BEL-ABS400 Datasheet
725Kb / 9P
Universal input voltage range (90 ??264 VAC)
logo
ETA-USA
ETJ02SX ETA-USA-ETJ02SX Datasheet
138Kb / 2P
RANGE: Full input Range 85 to 264 VAC.
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com