Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADC0804 Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # ADC0804
Description  8-Bit 關P Compatible A/D Converters
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

ADC0804 Datasheet(HTML) 1 Page - National Semiconductor (TI)

  ADC0804 Datasheet HTML 1Page - National Semiconductor (TI) ADC0804 Datasheet HTML 2Page - National Semiconductor (TI) ADC0804 Datasheet HTML 3Page - National Semiconductor (TI) ADC0804 Datasheet HTML 4Page - National Semiconductor (TI) ADC0804 Datasheet HTML 5Page - National Semiconductor (TI) ADC0804 Datasheet HTML 6Page - National Semiconductor (TI) ADC0804 Datasheet HTML 7Page - National Semiconductor (TI) ADC0804 Datasheet HTML 8Page - National Semiconductor (TI) ADC0804 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 41 page
background image
ADC0801/ADC0802/ADC0803/ADC0804/ADC0805
8-Bit µP Compatible A/D Converters
General Description
The
ADC0801,
ADC0802,
ADC0803,
ADC0804
and
ADC0805 are CMOS 8-bit successive approximation A/D
converters
that
use
a
differential
potentiometric
ladder — similar to the 256R products. These converters are
designed to allow operation with the NSC800 and INS8080A
derivative control bus with TRI-STATE output latches directly
driving the data bus. These A/Ds appear like memory loca-
tions or I/O ports to the microprocessor and no interfacing
logic is needed.
Differential analog voltage inputs allow increasing the
common-mode rejection and offsetting the analog zero input
voltage value. In addition, the voltage reference input can be
adjusted to allow encoding any smaller analog voltage span
to the full 8 bits of resolution.
Features
n
Compatible with 8080 µP derivatives — no interfacing
logic needed - access time - 135 ns
n
Easy interface to all microprocessors, or operates “stand
alone”
n
Differential analog voltage inputs
n
Logic inputs and outputs meet both MOS and TTL
voltage level specifications
n
Works with 2.5V (LM336) voltage reference
n
On-chip clock generator
n
0V to 5V analog input voltage range with single 5V
supply
n
No zero adjust required
n
0.3" standard width 20-pin DIP package
n
20-pin molded chip carrier or small outline package
n
Operates ratiometrically or with 5 V
DC, 2.5 VDC,or
analog span adjusted voltage reference
Key Specifications
n
Resolution
8 bits
n
Total error
±1⁄4 LSB, ±1⁄2 LSB and ±1 LSB
n
Conversion time
100 µs
Connection Diagram
Ordering Information
TEMP RANGE
0˚C TO 70˚C
0˚C TO 70˚C
−40˚C TO +85˚C
±1⁄4 Bit Adjusted
ADC0801LCN
ERROR
±1⁄2 Bit Unadjusted
ADC0802LCWM
ADC0802LCN
±1⁄2 Bit Adjusted
ADC0803LCN
±1Bit Unadjusted
ADC0804LCWM
ADC0804LCN
ADC0805LCN/ADC0804LCJ
PACKAGE OUTLINE
M20B — Small
Outline
N20A — Molded DIP
Z-80® is a registered trademark of Zilog Corp.
ADC080X
Dual-In-Line and Small Outline (SO) Packages
DS005671-30
See Ordering Information
November 1999
© 2001 National Semiconductor Corporation
DS005671
www.national.com


Similar Part No. - ADC0804

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
ADC0804 NSC-ADC0804 Datasheet
1Mb / 41P
8-Bit uP Compatible A/D Converters
logo
Intersil Corporation
ADC0804 INTERSIL-ADC0804 Datasheet
250Kb / 16P
8-Bit, Microprocessor- Compatible, A/D Converters
August 1997
logo
NXP Semiconductors
ADC0804 PHILIPS-ADC0804 Datasheet
154Kb / 18P
CMOS 8-bit A/D converters
2002 Oct 17
logo
National Semiconductor ...
ADC0804 NSC-ADC0804 Datasheet
2Mb / 3P
8 BIT UP COMPATIBLE A/D CONVERTERS
logo
Intersil Corporation
ADC0804 INTERSIL-ADC0804 Datasheet
4Mb / 122P
P-CHANNEL JFET
More results

Similar Description - ADC0804

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX160 MAXIM-MAX160 Datasheet
462Kb / 12P
關P Compatible 8 Bit A/D Converter
logo
Micro Linear Corporatio...
ML2252 MICRO-LINEAR-ML2252 Datasheet
202Kb / 13P
關P Compatible 8-Bit A/D Converters with 2- or 8-Channel Multiplexer
logo
National Semiconductor ...
ADC0816 NSC-ADC0816_07 Datasheet
344Kb / 14P
8-Bit 關P Compatible A/D Converters with 16-Channel Multiplexer
logo
Texas Instruments
DAC0830 TI-DAC0830 Datasheet
1Mb / 29P
DAC0830/DAC0832 8-Bit 關P Compatible, Double-Buffered D to A Converters
ADC0809CCN TI1-ADC0809CCN Datasheet
494Kb / 19P
ADC0808/ADC0809 8-Bit 關P Compatible A/D Converters with 8-Channel Multiplexer
INS8292N TI-INS8292N Datasheet
510Kb / 18P
ADC0816/ADC0817 8-Bit 關P Compatible A/D Converters with16-Channel Multiplexer
ADC0808-N TI1-ADC0808-N_14 Datasheet
538Kb / 20P
ADC0808/ADC0809 8-Bit 關P Compatible A/D Converters with 8-Channel Multiplexer
ADC0801 TI1-ADC0801_14 Datasheet
3Mb / 49P
8-Bit 關P Compatible A/D Converters
ADC0844 TI1-ADC0844_14 Datasheet
2Mb / 25P
ADC0844/ADC0848 8-Bit 關P Compatible A/D Converters with Multiplexer Options
ADC0844 TI1-ADC0844 Datasheet
2Mb / 24P
8-Bit 關P Compatible A/D Converters with Multiplexer Options
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com