Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADC0803LCN Datasheet(PDF) 31 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # ADC0803LCN
Description  8-Bit 關P Compatible A/D Converters
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

ADC0803LCN Datasheet(HTML) 31 Page - National Semiconductor (TI)

Back Button ADC0803LCN Datasheet HTML 27Page - National Semiconductor (TI) ADC0803LCN Datasheet HTML 28Page - National Semiconductor (TI) ADC0803LCN Datasheet HTML 29Page - National Semiconductor (TI) ADC0803LCN Datasheet HTML 30Page - National Semiconductor (TI) ADC0803LCN Datasheet HTML 31Page - National Semiconductor (TI) ADC0803LCN Datasheet HTML 32Page - National Semiconductor (TI) ADC0803LCN Datasheet HTML 33Page - National Semiconductor (TI) ADC0803LCN Datasheet HTML 34Page - National Semiconductor (TI) ADC0803LCN Datasheet HTML 35Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 41 page
background image
Functional Description (Continued)
The following schematic and sample subroutine (DATA IN)
may be used to interface (up to) 8 ADC0801’s directly to the
MC6800 CPU. This scheme can easily be extended to allow
the interface of more converters. In this configuration the
converters are (arbitrarily) located at HEX address 5000 in
the MC6800 memory space. To save components, the clock
signal is derived from just one RC pair on the first converter.
This output drives the other A/Ds.
All the converters are started simultaneously with a STORE
instruction at HEX address 5000. Note that any other HEX
address of the form 5XXX will be decoded by the circuit,
pulling all the CS inputs low. This can easily be avoided by
using a more definitive address decoding scheme. All the
interrupts are ORed together to insure that all A/Ds have
completed their conversion before the microprocessor is
interrupted.
The subroutine, DATA IN, may be called from anywhere in
the user’s program. Once called, this routine initializes the
CPU, starts all the converters simultaneously and waits for
the interrupt signal. Upon receiving the interrupt, it reads the
converters (from HEX addresses 5000 through 5007) and
stores the data successively at (arbitrarily chosen) HEX
addresses 0200 to 0207, before returning to the user’s pro-
gram. All CPU registers then recover the original data they
had before servicing DATA IN.
5.2 Auto-Zeroed Differential Transducer Amplifier
and A/D Converter
The differential inputs of the ADC0801 series eliminate the
need to perform a differential to single ended conversion for
a differential transducer. Thus, one op amp can be elimi-
nated since the differential to single ended conversion is
provided by the differential input of the ADC0801 series. In
general, a transducer preamp is required to take advantage
of the full A/D converter input dynamic range.
SAMPLE PROGRAM FOR
Figure 16 ADC0801–MC6820 PIA INTERFACE
DS005671-A2
www.national.com
31



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com