Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADC0803LCN Datasheet(PDF) 33 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # ADC0803LCN
Description  8-Bit 關P Compatible A/D Converters
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

ADC0803LCN Datasheet(HTML) 33 Page - National Semiconductor (TI)

Back Button ADC0803LCN Datasheet HTML 29Page - National Semiconductor (TI) ADC0803LCN Datasheet HTML 30Page - National Semiconductor (TI) ADC0803LCN Datasheet HTML 31Page - National Semiconductor (TI) ADC0803LCN Datasheet HTML 32Page - National Semiconductor (TI) ADC0803LCN Datasheet HTML 33Page - National Semiconductor (TI) ADC0803LCN Datasheet HTML 34Page - National Semiconductor (TI) ADC0803LCN Datasheet HTML 35Page - National Semiconductor (TI) ADC0803LCN Datasheet HTML 36Page - National Semiconductor (TI) ADC0803LCN Datasheet HTML 37Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 41 page
background image
Functional Description (Continued)
Note 25: In order for the microprocessor to service subroutines and interrupts, the stack pointer must be dimensioned in the user’s program.
For amplification of DC input signals, a major system error is
the input offset voltage of the amplifiers used for the preamp.
Figure 18 is a gain of 100 differential preamp whose offset
voltage errors will be cancelled by a zeroing subroutine
which is performed by the INS8080A microprocessor sys-
tem. The total allowable input offset voltage error for this
preamp is only 50 µV for 1⁄4 LSB error. This would obviously
require very precise amplifiers. The expression for the differ-
ential output voltage of the preamp is:
where I
X is the current through resistor RX. All of the offset
error terms can be cancelled by making ±I
XRX=VOS1 +
V
OS3
−V
OS2.
This is the principle of this auto-zeroing
scheme.
The INS8080A uses the 3 I/O ports of an INS8255 Progra-
mable Peripheral Interface (PPI) to control the auto zeroing
and input data from the ADC0801 as shown in
Figure 19.
The PPI is programmed for basic I/O operation (mode 0) with
Port A being an input port and Ports B and C being output
ports. Two bits of Port C are used to alternately open or close
the 2 switches at the input of the preamp. Switch SW1 is
closed to force the preamp’s differential input to be zero
during the zeroing subroutine and then opened and SW2 is
then closed for conversion of the actual differential input
signal. Using 2 switches in this manner eliminates concern
for the ON resistance of the switches as they must conduct
only the input bias current of the input amplifiers.
Output Port B is used as a successive approximation regis-
ter by the 8080 and the binary scaled resistors in series with
each output bit create a D/A converter. During the zeroing
subroutine, the voltage at V
x increases or decreases as
required to make the differential output voltage equal to zero.
This is accomplished by ensuring that the voltage at the
output of A1 is approximately 2.5V so that a logic “1” (5V) on
SAMPLE PROGRAM FOR
Figure 17 INTERFACING MULTIPLE A/D’s IN AN MC6800 SYSTEM
DS005671-A3
SAMPLE PROGRAM FOR
Figure 17 INTERFACING MULTIPLE A/D’s IN AN MC6800 SYSTEM
DS005671-A4
www.national.com
33



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com