Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CSRV065V0P Datasheet(PDF) 3 Page - Comchip Technology

Part # CSRV065V0P
Description  Low Capacitance ESD Protection Array
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COMCHIP [Comchip Technology]
Direct Link  http://www.comchiptech.com
Logo COMCHIP - Comchip Technology

CSRV065V0P Datasheet(HTML) 3 Page - Comchip Technology

  CSRV065V0P Datasheet HTML 1Page - Comchip Technology CSRV065V0P Datasheet HTML 2Page - Comchip Technology CSRV065V0P Datasheet HTML 3Page - Comchip Technology CSRV065V0P Datasheet HTML 4Page - Comchip Technology CSRV065V0P Datasheet HTML 5Page - Comchip Technology  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
Page 3
QW-BP010
REV:C
Comchip Technology CO., LTD.
SMD Diodes Specialist
RATING AND CHARACTERISTIC CURVES (CSRV065V0P)
Low Capacitance ESD Protection Array
0
Ambient temperature (°C)
Fig. 1 - Power derating curve
Peak pulse current (A)
0
4.5
Fig. 2 - Clamping voltage vs.
Peak pulse current
Peak pulse current(A)
Fig.3 - Forward voltage v.s.
forward current
Input voltage (V)
Fig.4 - Typical variation of CIN v.s. VIN
0
100
50
25
125
75
150
10
20
30
40
50
60
70
80
90
100
110
Waveform
Parameters:
tr=8us
td=20us
I/O pin to GND PIN
5.0
5.5
6.0
6.5
7.0
7.5
1
11
12
10
9
8
7
6
5
4
3
2
0
4.5
Waveform
Parameters:
tr=8us
td=20us
I/O pin to GND PIN
5.0
5.5
6.0
6.5
7.0
7.5
4.0
3.5
3.0
2.5
2.0
1.5
1.0
0.5
VDD =5V,GND =0V,f =1MHz,TA=25°C
0
5
4
3
2
1
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
20
Temperature (°C)
Fig. 5 - Typical variation of CIN v.s.
temperature
0
Fig. 6 - Transmission line pulsing
(TLP) measurement
1.00
80
40
100
60
120
1.05
1.10
1.15
1.20
1.25
1.30
1.35
1.40
1.45
1.50
VDD =5V,GND =0V,VIN =2.5V f=1MHz
Transmission line pulsing(TLP)voltage(V)
0
1
3
5
6
2
4
7
8
18
14
12
10
8
6
4
2
16
V_pulse
100ns
Pulse from a
transmission line
DUT
+
TLP_V
TLP_I
I/O to GND
Transmission line pulsing(TLP)voltage(V)
Fig.7 -Transmission line pulsing
(TLP) measurement
0
0
1
3
5
6
9
10
18
14
12
10
8
6
4
2
16
+
-
100ns
TLP_I
V_pulse
Pulse from a
transmission line
DUT
TLP_V
2
4
7
8
VDD to GND



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com