Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CSRV065V0P Datasheet(PDF) 1 Page - Comchip Technology

Part # CSRV065V0P
Description  Low Capacitance ESD Protection Array
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COMCHIP [Comchip Technology]
Direct Link  http://www.comchiptech.com
Logo COMCHIP - Comchip Technology

CSRV065V0P Datasheet(HTML) 1 Page - Comchip Technology

  CSRV065V0P Datasheet HTML 1Page - Comchip Technology CSRV065V0P Datasheet HTML 2Page - Comchip Technology CSRV065V0P Datasheet HTML 3Page - Comchip Technology CSRV065V0P Datasheet HTML 4Page - Comchip Technology CSRV065V0P Datasheet HTML 5Page - Comchip Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
SMD Diodes Specialist
Page 1
QW-BP010
REV:C
Comchip Technology CO., LTD.
CSRV065V0P
RoHs Device
Features
ESD Protect for 4 high-speed I/O channels.
IEC61000-4-2 (ESD)±14kV(Contact),±18kV(Air).
IEC61000-4-4 (FET)20A for I/O,80A for Power.
Working voltage: 5V
Low capacitance:1.3pF(Typ.).
High component density.
Mechanical data
Case: SC70-6L(SOT-363) standard package,
molded plastic.
Terminals: Solder plated, solderable per
MIL-STD-750,method 2026.
Mounting position: Any
Weight: 0.0091 gram(approx.).
Dimensions in inches and (millimeters)
0.039(1.00)
0.035(0.90)
0.014(0.35)
0.006(0.15)
0.004(0.10)max
0.010(0.26)min.
0.006(0.15)
0.003(0.08)
SC70-6L(SOT-363)
0.087(2.20)
0.079(2.00)
0.055(1.40)
0.096(2.45)
0.053(1.35)
0.045(1.15)
Low Capacitance ESD Protection Array
0.047(1.20)
0.085(2.15)
1
3
4
6
2
5
Pin Configuration
Circuit Diagram
6
5
4
1
2
3
kV
kV
V
A
18
6
6.5
ESD
VDC
IPP
ESD_VDD
°C
°C
260 ( 10 sec)
-55 to +125
-55 to +85
TSOL
Tj
Lead soldering temperature
Operating temperature
ESD per IEC 61000-4-2(Air)
Operating supply voltage
Peak pulse current ( tp = 8/20 us)
Parameter
Symbol
Value
Unit
Maximum Rating (at TA=25°C unless otherwise noted)
ESD per IEC 61000-4-2(Contact)
ESD per IEC 61000-4-2(Air)(VDD-GND)
ESD per IEC 61000-4-2(Contact)(VDD-GND)
Storage temperature
DC voltage at any I/O pin
TSTG
VIO
(GND -0.5) to (VDD +0.5)
30
14
°C
V


Similar Part No. - CSRV065V0P

ManufacturerPart #DatasheetDescription
logo
Comchip Technology
CSRV065V0P COMCHIP-CSRV065V0P Datasheet
128Kb / 5P
Low Capacitance ESD Protection Array
CSRV065V0P COMCHIP-CSRV065V0P_12 Datasheet
128Kb / 5P
Low Capacitance ESD Protection Array
More results

Similar Description - CSRV065V0P

ManufacturerPart #DatasheetDescription
logo
Littelfuse
SP3001 LITTELFUSE-SP3001 Datasheet
160Kb / 6P
Low Capacitance ESD Protection Array
SP3003 LITTELFUSE-SP3003 Datasheet
286Kb / 8P
Low Capacitance ESD Protection Array
SP3004 LITTELFUSE-SP3004 Datasheet
221Kb / 6P
Low Capacitance ESD Protection Array
SP3001 LITTELFUSE-SP3001_10 Datasheet
385Kb / 6P
Low Capacitance ESD Protection Array
logo
Infineon Technologies A...
BGF127 INFINEON-BGF127 Datasheet
594Kb / 6P
Low Capacitance ESD protection array
2009-08-20
logo
Comchip Technology
CSRS045V0P-HF COMCHIP-CSRS045V0P-HF Datasheet
148Kb / 5P
Low Capacitance ESD Protection Array
logo
Taiwan Semiconductor Co...
TESDA5V0A TSC-TESDA5V0A_15 Datasheet
263Kb / 5P
Low Capacitance ESD Protection Array
logo
Comchip Technology
ACPDVR105V0USP-HF COMCHIP-ACPDVR105V0USP-HF Datasheet
121Kb / 4P
Low Capacitance ESD Protection Array
ACSRS065V0P COMCHIP-ACSRS065V0P Datasheet
303Kb / 5P
Low Capacitance ESD Protection Array
logo
ON Semiconductor
CM1230 ONSEMI-CM1230_12 Datasheet
249Kb / 8P
Low-Capacitance ESD Protection Array
January, 2012 ??Rev. 4
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com