Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SP3003 Datasheet (PDF) - Littelfuse

SP3003 Datasheet PDF - Littelfuse
Part # SP3003
Download  SP3003 Download
File Size   286.05 Kbytes
Page   8 Pages
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse
Description Low Capacitance ESD Protection Array

SP3003 Datasheet (PDF)

Go To PDF Page Download Datasheet
SP3003 Datasheet PDF - Littelfuse

Part # SP3003
Download  SP3003 Click to download

File Size   286.05 Kbytes
Page   8 Pages
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse
Description Low Capacitance ESD Protection Array

SP3003 Datasheet (HTML) - Littelfuse


SP3003 Product details

Description
The SP3003 has ultra low capacitance rail-to-rail diodes with an additional protection diode fabricated in a proprietary silicon avalanche technology to protect each I/O pin providing a high level of protection for electronic equipment that may experience destructive electrostatic discharges (ESD). These robust diodes can safely absorb repetitive ESD strikes at the maximum level specified in the IEC 61000-4-2 international standard (Level 4, ±8kV contact discharge and ± 15 kV air discharge without performance degradation. Their very low loading capacitance also makes them ideal for protecting high speed signal pins such as HDMI, DVI, USB2.0, and IEEE 1394.

Features
• ESD protection of ±8kV contact discharge, ±15kV air discharge, (IEC 61000-4-2)
• EFT protection, IEC 61000-4-4, 40A (5/50ns)
• Lightning, 2.5A (8/20μs as defined in IEC 61000-4-5 2nd Edition)
• Low capacitance of 0.65pF (TYP) per I/O
• Low leakage current of 0.5μA (MAX) at 5V
• Complete line of small packaging helps save board space (SC70, SOT553, SOT563, MSOP10, µDFN-6L)
• AEC-Q101 qualified
• RoHS compliant and leadfree
• Moisture Sensitivity Level(MSL-1)

Applications
• LCD/ PDP TVs
• DVD Players
• Desktops
• MP3/ PMP
• Digital Cameras
• Set Top Boxes
• Mobile Phones
• Notebooks
• Computer Peripherals




Similar Part No. - SP3003

ManufacturerPart #DatasheetDescription
logo
Littelfuse
SP3003 LITTELFUSE-SP3003 Datasheet
568Kb / 8P
Low Capacitance ESD Protection Array
SP3003 LITTELFUSE-SP3003 Datasheet
320Kb / 6P
SP3003 Series 0.65pF Rail Clamp Array
SP3003-02JTG LITTELFUSE-SP3003-02JTG Datasheet
568Kb / 8P
Low Capacitance ESD Protection Array
SP3003-02JTG LITTELFUSE-SP3003-02JTG Datasheet
1Mb / 7P
SP3003 Series 0.65pF Diode Array
SP3003-02UTG LITTELFUSE-SP3003-02UTG Datasheet
1Mb / 7P
SP3003 Series 0.65pF Diode Array
More results


Similar Description - SP3003

ManufacturerPart #DatasheetDescription
logo
Littelfuse
SP3001 LITTELFUSE-SP3001 Datasheet
160Kb / 6P
Low Capacitance ESD Protection Array
SP3004 LITTELFUSE-SP3004 Datasheet
221Kb / 6P
Low Capacitance ESD Protection Array
SP3001 LITTELFUSE-SP3001_10 Datasheet
385Kb / 6P
Low Capacitance ESD Protection Array
logo
Infineon Technologies A...
BGF127 INFINEON-BGF127 Datasheet
594Kb / 6P
Low Capacitance ESD protection array
2009-08-20
logo
Comchip Technology
CSRS045V0P-HF COMCHIP-CSRS045V0P-HF Datasheet
148Kb / 5P
Low Capacitance ESD Protection Array
logo
Taiwan Semiconductor Co...
TESDA5V0A TSC-TESDA5V0A_15 Datasheet
263Kb / 5P
Low Capacitance ESD Protection Array
logo
Comchip Technology
ACPDVR105V0USP-HF COMCHIP-ACPDVR105V0USP-HF Datasheet
121Kb / 4P
Low Capacitance ESD Protection Array
ACSRS065V0P COMCHIP-ACSRS065V0P Datasheet
303Kb / 5P
Low Capacitance ESD Protection Array
CPDVR105V0USP-HF COMCHIP-CPDVR105V0USP-HF Datasheet
373Kb / 4P
Low Capacitance ESD Protection Array
logo
ON Semiconductor
CM1230 ONSEMI-CM1230_12 Datasheet
249Kb / 8P
Low-Capacitance ESD Protection Array
January, 2012 ??Rev. 4
More results




About Littelfuse


Littelfuse is an American company that specializes in the design and manufacture of circuit protection and control products.
The company was founded in 1927 and is headquartered in Chicago, Illinois.
Littelfuse provides a wide range of products including fuses, protection and control devices, and polymeric products.
The company's products are used in various applications such as automotive, industrial, and consumer electronics.
Littelfuse is known for its expertise in circuit protection and control technology and its ability to deliver high-quality and reliable products to its customers.
The company has operations and facilities in various countries across the world and works closely with its customers to provide customized solutions that meet their specific requirements and needs.
In addition to its core business, Littelfuse also provides solutions for the renewable energy and data center markets.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com