Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SP3003 Datasheet(PDF) 1 Page - Littelfuse

Part # SP3003
Description  Low Capacitance ESD Protection Array
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

SP3003 Datasheet(HTML) 1 Page - Littelfuse

  SP3003 Datasheet HTML 1Page - Littelfuse SP3003 Datasheet HTML 2Page - Littelfuse SP3003 Datasheet HTML 3Page - Littelfuse SP3003 Datasheet HTML 4Page - Littelfuse SP3003 Datasheet HTML 5Page - Littelfuse SP3003 Datasheet HTML 6Page - Littelfuse SP3003 Datasheet HTML 7Page - Littelfuse SP3003 Datasheet HTML 8Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
35
©2008 Littelfuse, Inc.
Silicon Protection ArraysTM
Specifications are subject to change without notice.
Please refer to http://www.littelfuse.com for current information.
Low Capacitance ESD Protection Array
SP3003 Lead-Free/Green Series
Description
Features
Applications
The SP3003 has ultra low capacitance rail-to rail diodes
with an additional zener diode fabricated in a proprietary
silicon avalanche technology to protect each I/O pin
providing a high level of protection for electronic equipment
that may experience destructive electrostatic discharges
(ESD). These robust diodes can safely absorb repetitive
ESD strikes at the maximum level specified in the IEC
61000-4-2 international standard (Level 4, 8KV contact
discharge) without performance degradation. Their very low
loading capacitance also makes them ideal for protecting
high speed signal pins such as HDMI, DVI, USB2.0, and
IEEE 1394.
SP3003 Lead-Free/Green Series
RoHS
Pb GREEN
0.65pF (TYP) per I/O
contact discharge,
(IEC61000-4-2)
IEC61000-4-4, 40A
(5/50 ns)
0.5μA (MAX) at 5V
board space (SC70,
SOT553, SOT563,
MSOP10)
Pinout
NC
V
CC
I/O 1
GND
I/O 2
I/O 4
V
CC
I/O 3
I/O 1
GND
I/O 2
SP3003-04X/J
SP3003-02X/J
Functional Block Diagram
I/O2
I/O1
GND
I/O3
V
CC
I/O4
I/O1
GND
I/O2
V
CC
SP3003-04
SP3003-02
I/O 1
I/O 2
V
NC
GND
CC
NC
NC
NC
I/O 3
I/O 4
SP3003-04A


Similar Part No. - SP3003

ManufacturerPart #DatasheetDescription
logo
Littelfuse
SP3003 LITTELFUSE-SP3003 Datasheet
568Kb / 8P
Low Capacitance ESD Protection Array
SP3003 LITTELFUSE-SP3003 Datasheet
320Kb / 6P
SP3003 Series 0.65pF Rail Clamp Array
SP3003-02JTG LITTELFUSE-SP3003-02JTG Datasheet
568Kb / 8P
Low Capacitance ESD Protection Array
SP3003-02JTG LITTELFUSE-SP3003-02JTG Datasheet
1Mb / 7P
SP3003 Series 0.65pF Diode Array
SP3003-02UTG LITTELFUSE-SP3003-02UTG Datasheet
1Mb / 7P
SP3003 Series 0.65pF Diode Array
More results

Similar Description - SP3003

ManufacturerPart #DatasheetDescription
logo
Littelfuse
SP3001 LITTELFUSE-SP3001 Datasheet
160Kb / 6P
Low Capacitance ESD Protection Array
SP3004 LITTELFUSE-SP3004 Datasheet
221Kb / 6P
Low Capacitance ESD Protection Array
SP3001 LITTELFUSE-SP3001_10 Datasheet
385Kb / 6P
Low Capacitance ESD Protection Array
logo
Infineon Technologies A...
BGF127 INFINEON-BGF127 Datasheet
594Kb / 6P
Low Capacitance ESD protection array
2009-08-20
logo
Comchip Technology
CSRS045V0P-HF COMCHIP-CSRS045V0P-HF Datasheet
148Kb / 5P
Low Capacitance ESD Protection Array
logo
Taiwan Semiconductor Co...
TESDA5V0A TSC-TESDA5V0A_15 Datasheet
263Kb / 5P
Low Capacitance ESD Protection Array
logo
Comchip Technology
ACPDVR105V0USP-HF COMCHIP-ACPDVR105V0USP-HF Datasheet
121Kb / 4P
Low Capacitance ESD Protection Array
ACSRS065V0P COMCHIP-ACSRS065V0P Datasheet
303Kb / 5P
Low Capacitance ESD Protection Array
CPDVR105V0USP-HF COMCHIP-CPDVR105V0USP-HF Datasheet
373Kb / 4P
Low Capacitance ESD Protection Array
logo
ON Semiconductor
CM1230 ONSEMI-CM1230_12 Datasheet
249Kb / 8P
Low-Capacitance ESD Protection Array
January, 2012 ??Rev. 4
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com