Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SP3003 Datasheet(PDF) 3 Page - Littelfuse

Part # SP3003
Description  Low Capacitance ESD Protection Array
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

SP3003 Datasheet(HTML) 3 Page - Littelfuse

  SP3003 Datasheet HTML 1Page - Littelfuse SP3003 Datasheet HTML 2Page - Littelfuse SP3003 Datasheet HTML 3Page - Littelfuse SP3003 Datasheet HTML 4Page - Littelfuse SP3003 Datasheet HTML 5Page - Littelfuse SP3003 Datasheet HTML 6Page - Littelfuse SP3003 Datasheet HTML 7Page - Littelfuse SP3003 Datasheet HTML 8Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
37
©2008 Littelfuse, Inc.
Silicon Protection ArraysTM
Specifications are subject to change without notice.
Please refer to http://www.littelfuse.com for current information.
Low Capacitance ESD Protection Array
SP3003 Lead-Free/Green Series
Capacitance vs. Bias Voltage
Insertion Loss (S21) I/O to GND
Capacitance vs. Frequency
-10
-9
-8
-7
-6
-5
-4
-3
-2
-1
0
1
1.E+06
1.E+07
1.E+08
1.E+09
1.E+10
Frequency [Hz]
0
2E-13
4E-13
6E-13
8E-13
1E-12
1.2E-12
1.4E-12
1.E+06
1.E+07
1.E+08
1.E+09
Frequency [Hz]
1.00
0.95
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
0.90
0.85
0.80
0.75
0.70
0.65
0.60
0.55
0.50
I/O DC Bias (V)
V
CC = 3.3V
V
CC = Float
V
CC = 5V



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com