Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SP3003 Datasheet(PDF) 4 Page - Littelfuse

Part # SP3003
Description  Low Capacitance ESD Protection Array
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

SP3003 Datasheet(HTML) 4 Page - Littelfuse

  SP3003 Datasheet HTML 1Page - Littelfuse SP3003 Datasheet HTML 2Page - Littelfuse SP3003 Datasheet HTML 3Page - Littelfuse SP3003 Datasheet HTML 4Page - Littelfuse SP3003 Datasheet HTML 5Page - Littelfuse SP3003 Datasheet HTML 6Page - Littelfuse SP3003 Datasheet HTML 7Page - Littelfuse SP3003 Datasheet HTML 8Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
38
©2008 Littelfuse, Inc.
Silicon Protection ArraysTM
Specifications are subject to change without notice.
Please refer to http://www.littelfuse.com for current information.
Low Capacitance ESD Protection Array
SP3003 Lead-Free/Green Series
Reflow Condition
Pb – Free assembly
Pre Heat
-Temperature Min (T
s(min))
150°C
-Temperature Max (T
s(max))
200°C
-Time (min to max) (t
s)
60 – 180 secs
Average ramp up rate (Liquidus) Temp
(T
L) to peak
3°C/second max
T
S(max) to TL - Ramp-up Rate
3°C/second max
Reflow
-Temperature (T
L) (Liquidus)
217°C
-Temperature (t
L)
60 – 150 seconds
PeakTemperature (T
P)
250+0/-5 °C
Time within 5°C of actual peak
Temperature (t
p)
20 – 40 seconds
Ramp-down Rate
6°C/second max
Time 25°C to peakTemperature (T
P)
8 minutes Max.
Do not exceed
260°C
Soldering Parameters
Application Example
Clk+
Gnd
Clk-
D2+
Gnd
D2-
D1+
Gnd
D1-
D0+
Gnd
D0-
HDMI
or DVI
Connector
HDMI
or DVI
Interface
IC
D0+
D0-
D1+
D1-
D2+
D2-
Clk+
Clk-
6
5
4
SP300x-04
1
2
3
+5V
Gnd
6
5
4
SP300x-04
1
2
3
HDMI or DVI application example for the Littelfuse
SP300x-04 protection devices. A single 4 channel
SP300x-04 device can be used to protect four of the data
lines in a HDMI/DVI interface. Two (2) SP300x-04 devices
provide protection for the main data lines. Low voltage
ASIC HDMI/DVI drivers can also be protected with the
SP300x-04, the +V
CC pins on the SP300x-04 can be
substituted with a suitable bypass capacitor or in some
backdrive applications the +V
CC of the SP300x-04 can be



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com